Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1583CT Datasheet(PDF) 4 Page - Semtech Corporation

Part # EZ1583CT
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1583CT Datasheet(HTML) 4 Page - Semtech Corporation

  EZ1583CT Datasheet HTML 1Page - Semtech Corporation EZ1583CT Datasheet HTML 2Page - Semtech Corporation EZ1583CT Datasheet HTML 3Page - Semtech Corporation EZ1583CT Datasheet HTML 4Page - Semtech Corporation EZ1583CT Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
DUAL INPUT
LOW DROPOUT REGULATOR
EZ1580/EZ1581
EZ1582/EZ1583
February 26, 1999
4
TYPICAL APPLICATIONS
(1)(2)
GROUND
GROUND
3.3V POWER IN
2.5V OUT
5V CONTROL IN
C2
10uF
U1
EZ158XCX-2.5
4
3
2
1
5
CONTROL
OUTPUT
GND
SENSE
POWER
C3
68uF
C1
33uF
GROUND
1.5V OUT
3.3V CONTROL IN
2.5V POWER IN
GROUND
C2
10uF
C3
100uF
C1
47uF
U1
EZ158XCX-1.5
4
3
2
1
5
CONTROL
OUTPUT
GND
SENSE
POWER
2.5V OUT
3.3V POWER IN
5V CONTROL IN
GROUND
GROUND
C2
10uF
C1
33uF
C3
68uF
R1
124
R2
124
U1
EZ158XCX
4
3
2
1
5
CONTROL
OUTPUT
ADJ
SENSE
POWER
VREF
2
R
I
1
R
2
R
1
V
V
ADJ
REF
OUT
+
ö
ç
è
æ +
=
Adjustable Output Parts
(3)
Fixed Output Parts
NOTES:
(1) Capacitor values are for reference only. Good quality, low ESR tantalum or aluminum electrolytic capacitors
should be used. Increasing the value of the output capacitor will improve the overall transient response.
(2) If the same voltage is input to both POWER and CONTROL, then the dropout voltage will become 1.3V maxi-
mum.
(3) A small (~0.033µF) capacitor can be used to bypass the ADJUST pin to improve transient response, if needed.


Similar Part No. - EZ1583CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1583CT-1.3 SEMTECH-EZ1583CT-1.3 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583CT-5.7 SEMTECH-EZ1583CT-5.7 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583CT-X.X SEMTECH-EZ1583CT-X.X Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583CT-X.X SEMTECH-EZ1583CT-X.X Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
More results

Similar Description - EZ1583CT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com