Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE98A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE98A
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE98A Datasheet HTML 6Page - NXP Semiconductors SE98A Datasheet HTML 7Page - NXP Semiconductors SE98A Datasheet HTML 8Page - NXP Semiconductors SE98A Datasheet HTML 9Page - NXP Semiconductors SE98A Datasheet HTML 10Page - NXP Semiconductors SE98A Datasheet HTML 11Page - NXP Semiconductors SE98A Datasheet HTML 12Page - NXP Semiconductors SE98A Datasheet HTML 13Page - NXP Semiconductors SE98A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
10 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
In interrupt mode, EVENT asserts when the temperature crosses the alarm upper
boundary. If the EVENT output is cleared and the temperature continues to increase until
it crosses the critical temperature threshold, EVENT asserts again. Because the
temperature is greater than the critical temperature threshold, a Clear EVENT command
does not clear the EVENT output. Once the temperature drops below the critical
temperature, EVENT de-asserts immediately.
Advisory notification:
– NXP device: If the EVENT output is not cleared before the temperature goes
above the critical temperature threshold EVENT de-asserts immediately when
temperature drops below the critical temperature.
– Competitor devices: If the EVENT output is not cleared before or when the
temperature is in the critical temperature threshold, EVENT will remain asserted
after the temperature drops below the critical temperature until a Clear EVENT
command.
– Work-around: Always clear the EVENT output before temperature exceeds the
critical temperature.
– SE98B will keep EVENT asserted after the temperature drops below the critical
temperature until a Clear EVENT command de-asserts EVENT.
7.4 Conversion rate
The conversion time is the amount of time required for the ADC to complete a
temperature measurement for the local temperature sensor. The conversion rate is the
inverse of the conversion period which describes the number of cycles the temperature
measurement completes in one second—the faster the conversion rate, the faster the
temperature reading is updated. The SE98A’s conversion rate is at least 8 Hz or 125 ms.
7.4.1 What temperature is read when conversion is in progress
The SE98A has been designed to ensure a valid temperature is always available. When a
read to the temperature register is initiated through the SMBus, the device checks to see if
the temperature conversion process (Analog-to-Digital conversion) is complete and a new
temperature is available:
If the temperature conversion process is complete, then the new temperature value is
sent out on the SMBus.
If the temperature conversion process in not complete, then the previous temperature
value is sent out on the SMBus.
It is possible that while the SMBus Master is reading the temperature register, a new
temperature conversion completes. However, this will not affect the data (MSB or LSB)
that is being shifted out. On the next read of the temperature register the new temperature
value will be shifted out.


Similar Part No. - SE98A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98A NXP-SE98A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SE98APW NXP-SE98APW Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98ATL NXP-SE98ATL Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98ATP NXP-SE98ATP Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
More results

Similar Description - SE98A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com