Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE98A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SE98A
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SE98A Datasheet HTML 35Page - NXP Semiconductors SE98A Datasheet HTML 36Page - NXP Semiconductors SE98A Datasheet HTML 37Page - NXP Semiconductors SE98A Datasheet HTML 38Page - NXP Semiconductors SE98A Datasheet HTML 39Page - NXP Semiconductors SE98A Datasheet HTML 40Page - NXP Semiconductors SE98A Datasheet HTML 41Page - NXP Semiconductors SE98A Datasheet HTML 42Page - NXP Semiconductors SE98A Datasheet HTML 43Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
39 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
13.4 Reflow soldering
Key characteristics in reflow soldering are:
Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 31) than a SnPb process, thus
reducing the process window
Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature) and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic). In addition, the peak temperature must be low enough that the
packages and/or boards are not damaged. The peak temperature of the package
depends on package thickness and volume and is classified in accordance with
Table 28 and 29
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 31.
Table 28.
SnPb eutectic process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
≥ 350
< 2.5
235
220
≥ 2.5
220
220
Table 29.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245


Similar Part No. - SE98A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98A NXP-SE98A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SE98APW NXP-SE98APW Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98ATL NXP-SE98ATL Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98ATP NXP-SE98ATP Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
More results

Similar Description - SE98A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com