Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9698 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9698 Datasheet HTML 23Page - NXP Semiconductors PCA9698 Datasheet HTML 24Page - NXP Semiconductors PCA9698 Datasheet HTML 25Page - NXP Semiconductors PCA9698 Datasheet HTML 26Page - NXP Semiconductors PCA9698 Datasheet HTML 27Page - NXP Semiconductors PCA9698 Datasheet HTML 28Page - NXP Semiconductors PCA9698 Datasheet HTML 29Page - NXP Semiconductors PCA9698 Datasheet HTML 30Page - NXP Semiconductors PCA9698 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
27 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
OE is LOW (with OEPOL = 0) or HIGH (with OEPOL = 1) to observe a change in the outputs.
OCH = 0. When OCH = 1, the change in the port happens at the acknowledge phase.
Two, three, or four adjacent banks can be programmed by using the Auto-Increment feature (AI = 1) and change at the
corresponding output port becomes effective at the STOP command when OCH = 0, or at each acknowledge when OCH = 1.
Fig 16. Write to a specific output port
002aab945
S A6 A5 A4 A3 A2 A1 A0 0 A
slave address
R/W
START condition
A
acknowledge
from slave
DATA BANK X
P
STOP
condition
A
SDA
tv(Q)
write to port
data out from port
data X valid
AI
0001 D2 D1 D0
acknowledge
from slave
acknowledge
from slave
bank X
determined by
D2, D1, D0
The programing becomes effective at the Acknowledge.
Less than 5 bytes can be programmed by using the same scheme. ‘D5 D4 D3 D2 D1 D0’ refers to the first register to be
programmed.
If more than 5 bytes are written, previous data are overwritten (the sixth configuration register will roll over to the first addressed
configuration register, the sixth Polarity Inversion register will roll over to the first addressed Polarity Inversion register, the sixth
Mask interrupt register will roll over to the first addressed Mask interrupt register.
Fig 17. Write to the I/O Configuration, Polarity Inversion, or Mask interrupt registers (5 banks)
002aab946
S A6 A5 A4 A3 A2 A1 A0 0 A
slave address
R/W
START condition
command register
AI = 1
A
acknowledge
from slave
DATA BANK 0 A
acknowledge
from slave
DATA BANK 1
acknowledge
from slave
A
acknowledge
from slave
DATA BANK 2 A
acknowledge
from slave
DATA BANK 3 A
acknowledge
from slave
DATA BANK 4
P
STOP
condition
A
SDA
1
0 D5 D4 D3 D2 D1 D0
01 0000 for Polarity Inversion register programming bank 0
01 1000 for Configuration register programming bank 0
10 0000 for Mask interrupt register programming bank 0
acknowledge
from slave


Similar Part No. - PCA9698

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9698 NXP-PCA9698 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9698BS PHILIPS-PCA9698BS Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9698DGG PHILIPS-PCA9698DGG Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
More results

Similar Description - PCA9698

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com