Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA85176 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA85176
Description  Universal LCD driver for low multiplex rates
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85176 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA85176 Datasheet HTML 1Page - NXP Semiconductors PCA85176 Datasheet HTML 2Page - NXP Semiconductors PCA85176 Datasheet HTML 3Page - NXP Semiconductors PCA85176 Datasheet HTML 4Page - NXP Semiconductors PCA85176 Datasheet HTML 5Page - NXP Semiconductors PCA85176 Datasheet HTML 6Page - NXP Semiconductors PCA85176 Datasheet HTML 7Page - NXP Semiconductors PCA85176 Datasheet HTML 8Page - NXP Semiconductors PCA85176 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
PCA85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
2 of 44
NXP Semiconductors
PCA85176
Universal LCD driver for low multiplex rates
3.
Ordering information
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA85176H/Q900
TQFP64
plastic thin quad flat package, 64 leads;
body 10
× 10 × 1.0 mm
SOT357-1
PCA85176T/Q900
TSSOP56 plastic thin shrink small outline package, 56 leads;
body width 6.1 mm
SOT364-1
Table 2.
Marking codes
Type number
Marking code
PCA85176H/Q900
PCA85176H
PCA85176T/Q900
PCA85176T
Fig 1.
Block diagram of PCA85176
40
013aaa048
LCD BIAS
GENERATOR
LCD
VOLTAGE
SELECTOR
PCA85176
BACKPLANE
OUTPUTS
DISPLAY
CONTROLLER
COMMAND
DECODER
WRITE DATA
CONTROL
DISPLAY RAM
OUTPUT BANK SELECT
AND BLINK CONTROL
DISPLAY
REGISTER
DISPLAY SEGMENT
OUTPUTS
DATA POINTER AND
AUTO INCREMENT
SUBADDRESS
COUNTER
CLOCK SELECT
AND TIMING
OSCILLATOR
INPUT
FILTERS
BLINKER
TIMEBASE
POWER-ON
RESET
I2C-BUS
CONTROLLER
BP0
BP2
BP1
BP3
A2
A1
A0
SA0
SDA
SCL
VDD
OSC
SYNC
CLK
VSS
VLCD
S0 to S39


Similar Part No. - PCA85176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85176 NXP-PCA85176 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA85176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
   Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
   Universal LCD driver for low multiplex rates
1998 May 04
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
   Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
   Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF85133 NXP-PCF85133 Datasheet
210Kb / 41P
   Universal LCD driver for low multiplex rates
Rev. 1-17 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com