Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9698DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9698DGG
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9698DGG Datasheet HTML 5Page - NXP Semiconductors PCA9698DGG Datasheet HTML 6Page - NXP Semiconductors PCA9698DGG Datasheet HTML 7Page - NXP Semiconductors PCA9698DGG Datasheet HTML 8Page - NXP Semiconductors PCA9698DGG Datasheet HTML 9Page - NXP Semiconductors PCA9698DGG Datasheet HTML 10Page - NXP Semiconductors PCA9698DGG Datasheet HTML 11Page - NXP Semiconductors PCA9698DGG Datasheet HTML 12Page - NXP Semiconductors PCA9698DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
9 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.3.1 5-bank register category
IP – Input registers
OP – Output registers
PI – Polarity Inversion registers
IOC – I/O Configuration registers
MSK – Mask interrupt registers
If the Auto-Increment flag is set (AI = 1), the 3 least significant bits are automatically
incremented after a read or write. This allows the user to program and/or read the
5 register banks sequentially.
If more than 5 bytes of data are written and AI = 1, previous data in the selected registers
will be overwritten or reread. Reserved registers are skipped and not accessed (refer to
Table 3).
If the Auto-Increment flag is cleared (AI = 0), the 3 least significant bits are not
incremented after data is read or written, only one register will be repeatedly read or
written.
7.3.2 1-bank register category
OUTCONF – Output Structure Configuration register
ALLBNK – All Bank Control register
MODE – Mode Selection register
If more than 1 byte of data is written or read, previous data in the same register is
overwritten independently of the value of AI.
7.4 Register definitions
Table 3.
Register summary
Reg #
D5
D4
D3
D2
D1
D0
Name
Type
Function
Input Port registers
00h
0
0
0
0
0
0
IP0
read only
Input Port register bank 0
01h
0
0
0
0
0
1
IP1
read only
Input Port register bank 1
02h
0
0
0
0
1
0
IP2
read only
Input Port register bank 2
03h
0
0
0
0
1
1
IP3
read only
Input Port register bank 3
04h
0
0
0
1
0
0
IP4
read only
Input Port register bank 4
05h
0
0
0
1
0
1
-
-
reserved for future use
06h
0
0
0
1
1
0
-
-
reserved for future use
07h
0
0
0
1
1
1
-
-
reserved for future use


Similar Part No. - PCA9698DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698DGG PHILIPS-PCA9698DGG Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
More results

Similar Description - PCA9698DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com