Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9698 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9698_10 Datasheet HTML 10Page - NXP Semiconductors PCA9698_10 Datasheet HTML 11Page - NXP Semiconductors PCA9698_10 Datasheet HTML 12Page - NXP Semiconductors PCA9698_10 Datasheet HTML 13Page - NXP Semiconductors PCA9698_10 Datasheet HTML 14Page - NXP Semiconductors PCA9698_10 Datasheet HTML 15Page - NXP Semiconductors PCA9698_10 Datasheet HTML 16Page - NXP Semiconductors PCA9698_10 Datasheet HTML 17Page - NXP Semiconductors PCA9698_10 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
14 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.4.7 ALLBNK - All Bank control register
This register allows all the I/Os configured as outputs to be programmed with the same
logic value. This programming is applied to all the banks or a selection of banks.
When this register is programmed, values in the Output Port registers are not changed
and do not reflect the states of I/Os configured as outputs anymore.
B0 to B4 controls the logic level to be applied to Bank 0 to Bank 4, respectively.
– Bx = 0: All the I/Os configured as outputs in the corresponding Bank x are
programmed with 0s.
– Bx = 1: All the I/Os configured as outputs in the corresponding Bank x are
programmed with 1s.
Bit 5 and bit 6 are not used and can be programmed to either ‘1’ or ‘0’.
BSEL is a filter bit that allows programming of some banks only, and not the others.
– BSEL = 0:
When Bx = 0, all the I/Os configured as output in the corresponding Bank x are
programmed with 0s.
When Bx = 1, all the I/Os configured as output in the corresponding Bank x are
programmed with their actual value from the corresponding output register.
– BSEL = 1:
When Bx = 0, all the I/Os configured as output in the corresponding Bank x are
programmed with their actual value from the corresponding output register.
When Bx = 1, all the I/Os configured as output in the corresponding Bank x are
programmed with 1s.
7.4.7.1
Examples
If ALLBNK = 0XX0 0000:
All I/Os configured as outputs in Bank 0 to Bank 4 will be programmed with 0s,
overwriting values programmed in the five Output Port registers.
If ALLBNK = 1XX1 1111:
All I/Os configured as outputs in Bank 0 to Bank 4 will be programmed with 1s,
overwriting values programmed in the five Output Port registers.
If ALLBNK = 0XX0 0110:
All I/Os configured as outputs in Banks 0, 3, and 4 only will be programmed with 0s,
overwriting values programmed in the Output Port registers 0, 3, and 4, while I/Os
configured as outputs in Bank 1 and Bank 2 are programmed with values in Output
Port registers 1 and 2.
Table 10.
ALLBNK - All Bank control register (address 29h) description
Bit
7
6
5
4
3
2
1
0
Symbol
BSEL
X
X
B4
B3
B2
B1
B0
Default
10
00
00
00


Similar Part No. - PCA9698_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698BS PHILIPS-PCA9698BS Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9698DGG PHILIPS-PCA9698DGG Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
More results

Similar Description - PCA9698_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com