Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9646 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9646
Description  Buffered 4-channel 2-wire bus switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9646 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9646 Datasheet HTML 1Page - NXP Semiconductors PCA9646 Datasheet HTML 2Page - NXP Semiconductors PCA9646 Datasheet HTML 3Page - NXP Semiconductors PCA9646 Datasheet HTML 4Page - NXP Semiconductors PCA9646 Datasheet HTML 5Page - NXP Semiconductors PCA9646 Datasheet HTML 6Page - NXP Semiconductors PCA9646 Datasheet HTML 7Page - NXP Semiconductors PCA9646 Datasheet HTML 8Page - NXP Semiconductors PCA9646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9646
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 March 2011
2 of 22
NXP Semiconductors
PCA9646
Buffered 4-channel 2-wire bus switch
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9646D
PCA9646
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9646PW
PCA9646
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Simplified block diagram of PCA9646
R4
002aaf367
I2C-BUS
CONTROL
5
7
10
12
4
6
9
11
SC0
SC1
SC2
SC3
SD0
SD1
SD2
SD3
R3
R5
R6
R7
R8
R9
R10
VDD
16
FILTER
1
A0
2
A1
13
A2
14
15
3
SCL
SDA
RESET
R2
R1
2.7 V to 5.5 V
PCA9646
VSS
8


Similar Part No. - PCA9646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9646

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
   2 Channel I2C bus switch
logo
Linear Technology
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
logo
Pericom Semiconductor C...
PI4MSD5V9545A PERICOM-PI4MSD5V9545A Datasheet
531Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
logo
Linear Technology
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
logo
Analog Devices
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com