Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9621 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9621 Datasheet HTML 1Page - NXP Semiconductors PCA9621 Datasheet HTML 2Page - NXP Semiconductors PCA9621 Datasheet HTML 3Page - NXP Semiconductors PCA9621 Datasheet HTML 4Page - NXP Semiconductors PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The PCA9621 is a monolithic CMOS integrated circuit for general purpose output drive
configurable from a 2-wire bus interface (including I2C-bus, SMBus, PMBus, and other
systems based on similar principles). Output ports have a 65 mA sink capability, making
them ideal for driving LEDs.
The state of the outputs is determined by a programmable 8-bit register which can be read
and written via signals from the 2-wire bus (e.g., I2C-bus or similar).
The 2-wire bus interface also has 30 mA Fast-mode Plus (Fm+) capability, and
consequently can be run in excess of 1 MHz or up to 4000 pF capacitance. As such, the
PCA9621 can be connected to other 2-wire devices across long cable connections.
It can be mixed with other Fast-mode Plus slaves in systems driven by Fm+ buffers or by
the PCA9646 (fully buffered 4-channel bus switch) to build large scale systems with
high-speed or high-capacitance drive capability, for example large scale LED displays or
controlled lighting.
2.
Features and benefits
8 individually selectable open-drain output ports
65 mA static sink capability on all output ports
Ports may be paralleled for up to 500 mA drive
Ideal for simple LED or general purpose output drive
Fast-mode Plus (30 mA, 4000 pF) 2-wire bus capability
Works with I2C-bus (Standard-mode, Fast-mode, and Fast-mode Plus), SMBus
(standard and high power mode), and PMBus
Fast switching times allow operation in excess of 1 MHz
Operating voltages from 2.7 V to 5.5 V
3.
Applications
LED and 7-segment displays
Simple high-power (500 mA) LED dimming
General purpose output
Instrumentation indicators
PCA9621
65 mA 8-bit 2-wire bus output port
Rev. 1 — 9 March 2011
Product data sheet


Similar Part No. - PCA9621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9621 NXP-PCA9621 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9621

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
   8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
   8-Bit, 2-Port Bus Switch
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
   8-Bit, 2-Port Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
   8-BIT INPUT/OUTPUT PORT
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A_14 Datasheet
992Kb / 5P
   Translator Bus SwitchHot Insertion 8-Bit, 2-Port, Low Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com