Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306DC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9306DC
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9306DC Datasheet HTML 3Page - NXP Semiconductors PCA9306DC Datasheet HTML 4Page - NXP Semiconductors PCA9306DC Datasheet HTML 5Page - NXP Semiconductors PCA9306DC Datasheet HTML 6Page - NXP Semiconductors PCA9306DC Datasheet HTML 7Page - NXP Semiconductors PCA9306DC Datasheet HTML 8Page - NXP Semiconductors PCA9306DC Datasheet HTML 9Page - NXP Semiconductors PCA9306DC Datasheet HTML 10Page - NXP Semiconductors PCA9306DC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PCA9306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 25 November 2010
7 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
9.
Static characteristics
[1]
All typical values are at Tamb =25 °C.
[2]
Measured by the voltage drop between the SCL1 and SCL2, or SDA1 and SDA2 terminals at the indicated current through the switch.
ON-state resistance is determined by the lowest voltage of the two terminals.
[3]
Guaranteed by design.
[4]
For DC, DC1 (VSSOP8) and GD1 (XSON8U) packages only.
Table 6.
Static characteristics
Tamb = 40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = −18 mA; VI(EN) =0 V
-
-
−1.2
V
IIH
HIGH-level input current
VI =5 V; VI(EN) = 0 V
--5
μA
Ci(EN)
input capacitance on pin EN
VI = 3 V or 0 V
-
7.1
-
pF
Cio(off)
off-state input/output capacitance
SCLn, SDAn;
VO =3V or0V; VI(EN) =0V
-4
6
pF
Cio(on)
on-state input/output capacitance
SCLn, SDAn;
VO =3V or0V; VI(EN) =3V
-
9.3
12.5
pF
Ron
ON-state resistance[2]
SCLn, SDAn;
VI =0 V; IO =64mA
[3]
VI(EN) =4.5 V
-
2.4
5.0
Ω
VI(EN) =3 V
-
3.0
6.0
Ω
VI(EN) =2.3 V
-
3.8
8.0
Ω
VI(EN) = 1.5 V
-
15
32
Ω
VI(EN) =1.5 V
[4] -32
80
Ω
VI =2.4 V; IO =15mA
VI(EN) =4.5 V
-
4.8
7.5
Ω
VI(EN) = 3 V
-
46
80
Ω
VI =1.7 V; IO =15mA
VI(EN) = 2.3 V
-
40
80
Ω


Similar Part No. - PCA9306DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306DC PHILIPS-PCA9306DC Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306DC NXP-PCA9306DC Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
PCA9306DC NXP-PCA9306DC Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306DC1 PHILIPS-PCA9306DC1 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306DC1 NXP-PCA9306DC1 Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
More results

Similar Description - PCA9306DC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com