Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C106K5R2C7289 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220C106K5R2C7289
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106K5R2C7289 Datasheet(HTML) 1 Page - Kemet Corporation

  C2220C106K5R2C7289 Datasheet HTML 1Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 2Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 3Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 4Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 5Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 6Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 7Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 8Page - Kemet Corporation C2220C106K5R2C7289 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
1
One WORLD
One Brand
One Strategy
One Focus
One Team
One KEMET
Benefits
• Higher capacitance in the same footprint
• Potential board space savings.
• Advanced protection against thermal and mechanical stress
• Provides up to 10mm of board flex capability
• Reduces audible, microphonic noise
• Extremely low ESR and ESL
• Pb-Free and RoHS compliant
• Capable of Pb-Free reflow profiles
• Non-polar device, minimizing installation concerns
• Automotive grade (AEC-Q200) under development.
Applications
• Industrial, Automotive, Military, Telecom
• Smoothing circuits
• DC-to-DC converters
• Power supplies (input/output filters)
• Noise Reduction (piezoelectric / mechanical)
• Circuits with a direct battery or power source connection.
• Critical and safety relevant circuits without (integrated) current
limitation.
• Any application that is subject to high levels of board flexure or
temperature cycling
Overview
KEMET’s KPS Series (KEMET Power Solutions) utilizes
proprietary lead-frame technology to vertically stack one or two
multilayer ceramic chip capacitors (MLCCs) into a single compact
surface mount package. The attached lead-frame mechanically
isolates the capacitor/s from the printed circuit board, therefore
offering advanced mechanical and thermal stress performance.
Isolation also addresses concerns for audible, microphonic noise
that may occur when a bias voltage is applied.
A two chip stack offers up to double the capacitance in the same
or smaller design footprint when compared to traditional surface
mount MLCC devices.
Providing up to 10mm of board flex capability, KPS Series
capacitors are environmentally friendly and in compliance with
RoHS legislation. Available in X7R dielectric, these devices are
capable of Pb-free reflow profiles and provide lower ESR, ESL
and higher ripple current capability when compared to other
dielectric solutions.
Surface Mount Multilayer Ceramic Chip Capacitors
KPS Series – Commercial Grade (X7R Dielectric)
1
Double chip stacks ("2" in the 13th character position of the ordering code) are only available in M (±20%) capacitance tolerance. Single chip stacks ("1" in
the 13th character position of the ordering code) are available in K (±10%) or M (±20%) tolerances.
2
Additional termination options may be available. Contact KEMET for details.
3
Additional reeling or packaging options may be available. Contact KEMET for details.
Ordering Information
C
2220
C
106
M
5
R
2
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Voltage
Dielectric
Failure Rate/Design
End
Metallization2
Packaging/Grade
(C-Spec)3
1210
1812
2220
C = Standard
2 Sig. Digits
+ Number of
Zeros
K = ±10%
M = ±20%
8 = 10V
4 = 16V
3 = 25V
5 = 50V
1 = 100V
A = 250V
R = X7R
1 = KPS Single Chip Stack
2 = KPS Double Chip Stack
C = 100%
Matte Sn
TU = 7" Reel
Unmarked
7289 = 13" Reel
Unmarked


Similar Part No. - C2220C106K5R2C7289

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106K5R2C7168 KEMET-C2220C106K5R2C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C2220C106K5R2C7289

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com