Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9600 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9600
Description  Dual bidirectional bus buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9600_11 Datasheet HTML 2Page - NXP Semiconductors PCA9600_11 Datasheet HTML 3Page - NXP Semiconductors PCA9600_11 Datasheet HTML 4Page - NXP Semiconductors PCA9600_11 Datasheet HTML 5Page - NXP Semiconductors PCA9600_11 Datasheet HTML 6Page - NXP Semiconductors PCA9600_11 Datasheet HTML 7Page - NXP Semiconductors PCA9600_11 Datasheet HTML 8Page - NXP Semiconductors PCA9600_11 Datasheet HTML 9Page - NXP Semiconductors PCA9600_11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 May 2011
6 of 31
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
When the device driving the PCA9600 is an I2C-bus compatible device, then the
PCA9600 is an improvement on the P82B96 as shown in Table 4. There will always be
exceptions however, and if the device driving the bus buffer is not I2C-bus compatible
(e.g., you need to use the micro already in the system and bit-bang using two GPIO pins)
then here are some considerations that would point to using the P82B96 instead:
When the pull-up must be the weakest one possible. The spec is 200 μA for P82B96,
but it typically works even below that. And if designing for a temperature range
−40 °C
up to +60
°C, then the driver when sinking 200 μA only needs to drive a guaranteed
low of 0.55 V. For the PCA9600, over that same temperature range and when sinking
1.3 mA (at
−40 °C), the device driving the bus buffer must provide the required low of
0.425 V.
When the lower operating temperature range is restricted (say 0 °C). The P82B96
larger SX voltage levels then make a better typical match with the driver, even when
the supply is as low as 3.3 V.
For an I2C-bus compliant driver on 3.3 V the P82B96 is required to guarantee a bus
low that is below 0.83 V. P82B96 guarantees that with a 200
μA pull-up.
When the operating temperature range is restricted at both limits. An I2C driver's
typical output is well below 0.4 V and the P82B96 typically requires 0.6 V input even
at +60
°C, so there is a reasonable margin. The PCA9600 requires a typical input low
of 0.5 V so its typical margin is smaller. At 0
°C the driver requires a typical input low
of 1.16 V and P82B96 provides 0.75 V, so again the typical margin is already quite big
and even though PCA9600 is better, providing 0.7 V, that difference is not big.
8.
Limiting values
[1]
See also Section 10.2 “Negative undershoot below absolute minimum value”.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages with respect to pin GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
VCC to GND
−0.3
+18
V
VI2C-bus
I2C-bus voltage
SX and SY;
I2C-bus SDA or SCL
−0.3
+18
V
VO
output voltage
TX and TY;
buffered output
[1]
−0.3
+18
V
VI
input voltage
RX and RY;
receive input
[1]
−0.3
+18
V
II2C-bus
I2C-bus current
SX and SY;
I2C-bus SDA or SCL
-
250
mA
Ptot
total power dissipation
-
300
mW
Tj
junction temperature
operating range
−40
+125
°C
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating
−40
+85
°C


Similar Part No. - PCA9600_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600D NXP-PCA9600D Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
PCA9600DP NXP-PCA9600DP Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
More results

Similar Description - PCA9600_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com