Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8534AH-Q900 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8534AH-Q900
Description  Universal LCD driver for low multiplex rates
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8534AH-Q900 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8534AH-Q900 Datasheet HTML 3Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 4Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 5Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 6Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 7Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 8Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 9Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 10Page - NXP Semiconductors PCA8534AH-Q900 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PCA8534A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2010
7 of 44
NXP Semiconductors
PCA8534A
Universal LCD driver for low multiplex rates
The data pointer and the subaddress counter are cleared (set to logic 0)
The display is disabled
Remark: Do not transfer data on the I2C-bus after a power-on for at least 1 ms to allow
the reset action to complete.
7.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of three
series resistors connected between pins VLCD and VSS. The center resistor is bypassed
by switch if the 1
2 bias voltage level for the 1:2 multiplex drive mode configuration is
selected.
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 5.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth.
Multiplex drive modes of 1:3 and 1:4 with 1
2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1
2 bias
a = 2 for 1
3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
where the values for n are
n = 1 for static drive mode
n = 2 for 1:2 multiplex drive mode
Table 5.
Biasing characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Levels
static
1
2
static
0
1
1:2 multiplex
2
3
1
2
0.354
0.791
2.236
1:2 multiplex
2
4
1
3
0.333
0.745
2.236
1:3 multiplex
3
4
1
3
0.333
0.638
1.915
1:4 multiplex
4
4
1
3
0.333
0.577
1.732
V
off RMS
()
V
LCD
-------------------------
V
on RMS
()
V
LCD
------------------------
D
V
on RMS
()
V
off RMS
()
-------------------------
=
1
1a
+
-------------
V
on RMS
()
a2
2a
n
++
n
1a
+
()
2
×
------------------------------
V
LCD
=


Similar Part No. - PCA8534AH-Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8530 NXP-PCA8530 Datasheet
752Kb / 103P
   Automotive 102 x 4 Chip-On-Glass LCD segment driver
Rev. 2 ??25 September 2014
PCA8530DUG NXP-PCA8530DUG Datasheet
547Kb / 54P
   Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
495Kb / 55P
   Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
494Kb / 54P
   Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
652Kb / 51P
   Universal 36 횞 4 LCD segment driver
More results

Similar Description - PCA8534AH-Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
   Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
   Universal LCD driver for low multiplex rates
1998 May 04
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
   Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
   Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF85133 NXP-PCF85133 Datasheet
210Kb / 41P
   Universal LCD driver for low multiplex rates
Rev. 1-17 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com