Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL02042BBQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBTL02042BBQ
Description  3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL02042BBQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBTL02042BBQ Datasheet HTML 3Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 4Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 5Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 6Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 7Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 8Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 9Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 10Page - NXP Semiconductors CBTL02042BBQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CBTL02042A_CBTL02042B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
7 of 16
NXP Semiconductors
CBTL02042A; CBTL02042B
3.3 V, 2 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen2
12. Dynamic characteristics
[1]
Typical values are at VDD = 3.3 V; Tamb =25 °C, and maximum loading.
Table 7.
Dynamic characteristics
VDD =3.3 V ± 10 %; Tamb = 40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
DDIL
differential insertion loss
channel is OFF
f=100MHz
-
−50
-
dB
f=2.5GHz
-
−25
-
dB
channel is ON
f=100MHz
-
−0.5
-
dB
f=2.5GHz
-
−1.2
-
dB
DDNEXT
differential near-end crosstalk
adjacent channels are ON
f=100MHz
-
−50
-
dB
f=2.5GHz
-
−30
-
dB
B−3dB
−3 dB bandwidth
-
7.0
-
GHz
DDRL
differential return loss
f = 100 MHz
-
−25
-
dB
f=2.5GHz
-
−20
-
dB
Ron
ON-state resistance
VDD = 3.3 V; VI =2V; II =19mA
-
6
-
Ω
tPD
propagation delay
from Port A to Port B, or Port A
to Port C, or vice versa
-80
-
ps
Switching characteristics
tstartup
start-up time
supply voltage valid or XSD
going LOW to channel specified
operating characteristics
--10
ms
tPZH
OFF-state to HIGH propagation delay
-
-
300
ns
tPZL
OFF-state to LOW propagation delay
-
-
70
ns
tPHZ
HIGH to OFF-state propagation delay
-
-
50
ns
tPLZ
LOW to OFF-state propagation delay
-
-
50
ns
tsk(dif)
differential skew time
intra-pair
-
5
-
ps
tsk
skew time
inter-pair
-
-
35
ps


Similar Part No. - CBTL02042BBQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL02043ABQ NXP-CBTL02043ABQ Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL02043B NXP-CBTL02043B Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL02043BBQ NXP-CBTL02043BBQ Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
More results

Similar Description - CBTL02042BBQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
logo
NXP Semiconductors
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
logo
Integrated Circuit Syst...
ICS557-08 ICST-ICS557-08 Datasheet
199Kb / 11P
   2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
logo
Texas Instruments
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com