Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115HG03NF-JB Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115HG03NF-JB
Description  Subminiature Smooth Actuation Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115HG03NF-JB Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115HG03NF-JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NF-JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NF-JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NF-JB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NF-JB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NF-JB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
www.nkk.com
D73
D
Actual Size
Distinctive Characteristics
Soft touch actuation achieved by mechanical silicon rubber structure.
Distinct, long stroke of 1.5mm (.059”).
Entire cap is fully illuminated with single or bicolor LED.
Compact design with dimension of 12.5mm (.492”) from
PC board to top of cap.
Alternating legend options (patent pending) with
bicolor LED.
Available in both high (2.5N) or standard (1.5N)
operating force.
Gold plated contacts provide high reliability.
Crimped terminals ensure secure PC mounting
and prevent dislodging during soldering.
Molded-in terminals prevent entry of flux, solvents,
and other contaminants.


Similar Part No. - NP0115HG03NF-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115HG03NF-JB NKK-NP0115HG03NF-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115HG03NF-JB NKK-NP0115HG03NF-JB Datasheet
220Kb / 6P
   General Specifications
NP0115HG03NF-JB-S NKK-NP0115HG03NF-JB-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115HG03NF-JBS NKK-NP0115HG03NF-JBS Datasheet
220Kb / 6P
   General Specifications
More results

Similar Description - NP0115HG03NF-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
Pepperl+Fuchs Inc.
41FY2 PF-41FY2 Datasheet
411Kb / 2P
   Magnetic Actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com