Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106M8R2C7289 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C1812C106M8R2C7289
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106M8R2C7289 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C1812C106M8R2C7289 Datasheet HTML 5Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 6Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 7Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 8Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 9Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 10Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 11Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 12Page - Kemet Corporation C1812C106M8R2C7289 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
99
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
Tape & Reel Packaging Information
KEMET offers Multilayer Ceramic Chip Capacitors packaged in
8mm, 12mm and 16mm tape on 7" and 13" reels in accordance
with EIA standard 481. This packaging system is compatible with
all tape fed automatic pick and place systems. See Table 2 for
details on reeling quantities for commercial chips.
Table 5 - Carrier Tape Configuration (mm)
*Refer to Figure 1 for W and P
1 carrier tape reference locations.
*Refer to Table 4 for tolerance specifications.
8mm, 12mm
or 16mm Carrier Tape
178mm (7.00")
or
330mm (13.00")
Anti-Static Reel
Embossed Plastic* or
Punched Paper Carrier.
Embossment or Punched Cavity
Anti-Static Cover Tape
(.10mm (.004") Max Thickness)
Chip and KPS Orientation in Pocket
(except 1825 Commercial, and 1825 & 2225 Military)
*EIA 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only.
KEMET
®
Bar Code Label
Sprocket Holes
EIA Case Size
Tape size (W)*
Pitch (P
1)*
01005 - 0402
8
2
0603 - 1210
8
4
1805 - 1808
12
4
≥ 1812
12
8
KPS 1210
12
8
KPS 1812 & 2220
16
12
Array 0508 & 0612
8
4


Similar Part No. - C1812C106M8R2C7289

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106M8R2C7168 KEMET-C1812C106M8R2C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1812C106M8R2C7289

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com