Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL22DNAW015C Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # TL22DNAW015C
Description  Fully Illuminated Toggles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DNAW015C Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DNAW015C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW015C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW015C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW015C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW015C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series TL
Fully Illuminated Toggles
www.nkk.com
A120
A
Pole
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
2
W01
D
A
Toggle Colors
For Bright
C
Red
D
Amber
F
Green
For Super Bright
N
No Color
Terminals, Contacts
& Ratings
W01
Solder Lug Terminals *
Silver 6A @ 125V AC
for .689” (17.5mm) Toggle only
G01
Solder Lug Terminals *
Gold 0.4VA @ 28V AC/DC
for .433” (11.0mm) Toggle only
TL
6G
LED Colors
Bright
5C
Red
5D
Amber
5F
Green
Super Bright
6B
White
6F
Green
6G
Blue
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
TL22DNAW016G
2
N
Circuit
2
ON NONE
ON
.689” (17.5mm) Toggle Length;
No Color (matte finish
of clear material)
Blue, Super Bright LED
Black Housing
Silver Contacts
with 6-amp Rating
DPDT
ON-NONE-ON Circuit
Solder Lug Terminals
Toggle Lengths
D
.689” (17.5mm) (combines
with silver contacts only)
S
.433” (11.0mm) (combines
with gold contacts only)
Housing
A
Black
* Wire harness & cable assemblies
offered only in Americas


Similar Part No. - TL22DNAW015C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
TL22DNAW015C NKK-TL22DNAW015C Datasheet
152Kb / 6P
   General Specifications
More results

Similar Description - TL22DNAW015C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12JJPC NKK-B12JJPC Datasheet
127Kb / 4P
   Subminiature Fully Illuminated Toggles
B12JJPC NKK-B12JJPC_12 Datasheet
434Kb / 4P
   Subminiature Fully Illuminated Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
Nihon Kaiheiki Industry...
GB15JPC NKK-GB15JPC_10 Datasheet
129Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JPC NKK-GB15JPC Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JHF ETC2-GB15JHF Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com