Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB15JHD Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # GB15JHD
Description  Ultra-Miniature Fully Illuminated Plungers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

GB15JHD Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  GB15JHD Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. GB15JHD Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. GB15JHD Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. GB15JHD Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series GB
Ultra-Miniature Fully Illuminated Plungers
www.nkk.com
D8
D
General Specifications
Electrical Capacity (Resistive Load)
Logic Level: 0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance: 80 milliohms maximum
Insulation Resistance: 500 megohms minimum @ 500V DC
Dielectric Strength: 500V AC minimum for 1 minute minimum
Mechanical Life: 50,000 operations minimum
Electrical Life: 50,000 operations minimum
Nominal Operating Force: 1.70N
Travel: Pretravel .035” (0.9mm); Overtravel .008” (0.2mm); Total Travel .043” (1.1mm)
Materials & Finishes
Plunger: Polyamide
Case: Glass fiber reinforced polyamide
Sealing Rings: Nitrile butadiene rubber
Movable Contact: Phosphor bronze with gold plating
Stationary Contacts: Phosphor bronze with gold plating
Base: Glass fiber reinforced polyamide
Switch Terminals: Phosphor bronze with gold plating
Lamp Terminals: Phosphor bronze with gold plating
Environmental Data
Operating Temperature Range: –25°C through +55°C (–13°F through +131°F)
Humidity: 90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration: 10 ~ 500Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 15 minutes; 3 right angled directions for 2 hours
Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Wave Soldering recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning: Automated alcohol based cleaning recommended, 5 minutes maximum. Do not use high-purity
alcohol (50% alcohol or more) or organic solvent. High alcohol solution can damage clear plastic.
See Cleaning specifications in Supplement section.
Standards & Certifications
The GB Series illuminated pushbuttons have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - GB15JHD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GB15JHD NKK-GB15JHD Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GB15JHD ETC2-GB15JHD Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
Nihon Kaiheiki Industry...
GB15JHD NKK-GB15JHD Datasheet
127Kb / 4P
   General Specifications
More results

Similar Description - GB15JHD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GB15JPC NKK-GB15JPC Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GB15JHF ETC2-GB15JHF Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
GREATECS
GB15JPD GREATECS-GB15JPD Datasheet
699Kb / 1P
   Ultra-Miniature Pushbutton Switches with Fully Illuminated Plungers
logo
Nihon Kaiheiki Industry...
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
Nihon Kaiheiki Industry...
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
   Ultra-Miniature Fully Illuminated Toggle Switches
logo
Copal Electronics
LTR1 COPAL-LTR1 Datasheet
572Kb / 5P
   Ultra-Miniature Illuminated
logo
Nihon Kaiheiki Industry...
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com