Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC-60 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPC-60
Description  60W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPC-60 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPC-60_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPC-60_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
LPC-60-1050
LPC-60-1400
LPC-60-1750
DCVOLTAGERANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERVOLTAGE
9~48V
9~42V
9~34V
50.4W
58.8W
59.5W
200mVp-p
200mVp-p
200mVp-p
5.0%
1.0%
2.0%
500ms,120ms/230VAC5
atfullload
00ms,120ms/115VAC
90~264VAC
127~370VDC
47~63Hz
87%
50.4~60V
44.1~56.7V
85%
39.1~45.9V
87%
1.2A/115VAC0.7A/230VAC
COLDSTART 30A/115VAC60A/230VAC
0.25mA /240VAC
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-30~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
UL1310Class2,CAN/CSA C22.2No.223-M91(forLPC-60-1750only),IP67approved;designreferto TUVEN60950-1,EN61347-2-13
732Khrsmin.MIL-HDBK-217F(25
)
162.5*42.5*32mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. In the European market this product is only suitable for LED lighting applications that don't have to comply with the harmonic current requirements of
EN61000-3-2 Class C.
8. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minute.
0.4Kg;32pcs/13.8Kg/0.56CUFT
Protectiontype: Shutoffo/pvoltage,clampingby TVSdiode
60WSingleOutputSwitchingPowerSupply
Constant current design
Universal AC input / Full range
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Over voltage
Cooling by free air convection
Fully encapsulated with IP67 level
ass LPS
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty
(Note.8)
Fully isolated plastic case
Class
power unit, no FG
P
(Note.7)
Features :
L P C - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
50ms/230VAC16ms/115VACatfullload
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:LPC-60-SPEC2011-06-24
RATEDCURRENT
1050mA
1400mA
1750mA
IP67
LPS
( except for 1750mA )
( for 1750mA only)
5.0%
CURRENT ACCURACY
EMCIMMUNITY
EMCEMISSION


Similar Part No. - LPC-60_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-60-1050 MEANWELL-LPC-60-1050 Datasheet
79Kb / 2P
   60W Single Output Switching Power Supply
LPC-60-1050 MEANWELL-LPC-60-1050 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60-1400 MEANWELL-LPC-60-1400 Datasheet
79Kb / 2P
   60W Single Output Switching Power Supply
LPC-60-1400 MEANWELL-LPC-60-1400 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60-1750 MEANWELL-LPC-60-1750 Datasheet
79Kb / 2P
   60W Single Output Switching Power Supply
More results

Similar Description - LPC-60_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com