Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C106K4R2CTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1210C106K4R2CTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106K4R2CTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1210C106K4R2CTU Datasheet HTML 1Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 2Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 3Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 4Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 5Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 6Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 7Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 8Page - Kemet Corporation C1210C106K4R2CTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
22
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
Dimensions – Millimeters (Inches)
Outline Drawing
Qualification/Certification
Commercial grade products meet or exceed the performance and reliability standards outlined in Table 4 - Performance and Reliability
of this specification.
Environmental Compliance
RoHS PRC ( Peoples Republic of China) compliant
Electrical Parameters/Characteristics
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Capacitance and Dissipation Factor (DF) measured under the following conditions:
1kHz ± 50Hz and 1.0 ± 0.2 Vrms if capacitance ≤10µF
120Hz ± 10Hz and 0.5 ± 0.1 Vrms if capacitance >10µF
Chip
Stack
EIA
Size
Code
Metric
Size
Code
L Length
W Width
T Thickness
LW Lead Width
Mounting
Technique
Single
1210
3225
3.50 (.138) ± 0.30 (.012) 2.60 (.102) ± 0.30 (.012) 3.35 (.132) ± 0.10 (.004) 0.80 (.032) ± 0.15 (.006)
Solder Reflow
1812
4532
5.00 (.197) ± 0.50 (.020) 3.50 (.138) ± 0.50 (.020) 2.65 (.104) ± 0.35 (.014) 1.10 (.043) ± 0.30 (.012)
2220
5650
6.00 (.236) ± 0.50 (.020) 5.00 (.197) ± 0.50 (.020) 3.50 (.138) ± 0.30 (.012) 1.60 (.063) ± 0.30 (.012)
Double
1210
3225
3.50 (.138) ± 0.30 (.012) 2.60 (.102) ± 0.30 (.012) 6.15 (.242) ± 0.15 (.006) 0.80 (.031) ± 0.15 (.006)
1812
4532
5.00 (.197) ± 0.50 (.020) 3.50 (.138) ± 0.50 (.020) 5.00 (.197) ± 0.50 (.020) 1.10 (.043) ± 0.30 (.012)
2220
5650
6.00 (.236) ± 0.50 (.020) 5.00 (.197) ± 0.50 (.020) 5.00 (.197) ± 0.50 (.020) 1.60 (.063) ± 0.30 (.012)
Operating Temperature Range:
-55°C to +125°C
Capacitance Change with Reference to +25°C and 0 Vdc Applied (TCC):
±15%
Aging Rate (Max % Cap Loss/Decade Hour):
3.5%
Dielectric Withstanding Voltage:
250% of rated voltage
(5 ± 1 seconds and charge/discharge not exceeding 50mA)
Dissipation Factor (DF) Maximum Limits @ 25ºC:
5% (10V), 3.5% (16V & 25V) and 2.5% (50V to 200V)
Insulation Resistance (IR) Limit @ 25°C:
See Insulation Resistance Limit Table page 3
Top View
Profile View
Single or Double
Double Chip Stack
Single Chip Stack
Chip Stack
Ref
Name
Material
A
Leadframe
Phosphor Bronze - Alloy 510
B
Leadframe Attach
High Temp Solder
C
Termination
Cu
D
Ni
E
Sn
F
Electrode
Ni
G
Dielectric
BaTiO3


Similar Part No. - C1210C106K4R2CTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106K4R2C7168 KEMET-C1210C106K4R2C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C106K4R2CTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com