Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK23-66-D-2 Datasheet(PDF) 1 Page - Meder Electronic

Part # MK23-66-D-2
Description  Open Reed Sensors for SMD Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-66-D-2 Datasheet(HTML) 1 Page - Meder Electronic

  MK23-66-D-2 Datasheet HTML 1Page - Meder Electronic MK23-66-D-2 Datasheet HTML 2Page - Meder Electronic MK23-66-D-2 Datasheet HTML 3Page - Meder Electronic MK23-66-D-2 Datasheet HTML 4Page - Meder Electronic MK23-66-D-2 Datasheet HTML 5Page - Meder Electronic MK23-66-D-2 Datasheet HTML 6Page - Meder Electronic MK23-66-D-2 Datasheet HTML 7Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
278
www.meder.com
MEDER electronic
Open Reed Sensors
for SMD Mounting
MK23 Series
DESCRIPTION
MK23-Sensors are magnetically operated, open
Reed proximity Switches for SMD mounting.
Lead design 1: Flat, straight leads for PCB slot
mounting.
Lead design 2: Flat, bent SMD leads (Gull-wing)
Lead design 4: Round, bent SMD leads for PCB
slot mounting
Magnet
force
and
position
magnet/sensor
determine Pull-In and Drop-Out point. The sensors
are supplied taped & reeled according to IEC 286/
part 3 suitable for auto-placement.
FEATURES
Reed switches without moulding case for
reasonable products
Five different switch models
Flat or round leads in three different designs
Four operate sensitivities available
Tape & Reel package
No external power required for sensor operation
APPLICATIONS
Electronic PCB`s where all components are
surface mounted
No power-requirement sensor for low power
applications
Telecommunication applications
Automotive applications
DIMENSIONS
All dimensions in mm [inch] unspecified tolerances +/- 0.1 mm
MK23-35
MK23-66
MK23-87
MK23-46
MK23-80
Lead Design 1
Lead Design 2
MK23-35


Similar Part No. - MK23-66-D-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-66-D-2 MEDER-MK23-66-D-2 Datasheet
75Kb / 1P
   MK Reed Sensors
MK23-66-D-2_DE MEDER-MK23-66-D-2_DE Datasheet
116Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-66-D-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com