Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK23-46-E-2 Datasheet(PDF) 2 Page - Meder Electronic

Part # MK23-46-E-2
Description  Open Reed Sensors for SMD Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-46-E-2 Datasheet(HTML) 2 Page - Meder Electronic

  MK23-46-E-2 Datasheet HTML 1Page - Meder Electronic MK23-46-E-2 Datasheet HTML 2Page - Meder Electronic MK23-46-E-2 Datasheet HTML 3Page - Meder Electronic MK23-46-E-2 Datasheet HTML 4Page - Meder Electronic MK23-46-E-2 Datasheet HTML 5Page - Meder Electronic MK23-46-E-2 Datasheet HTML 6Page - Meder Electronic MK23-46-E-2 Datasheet HTML 7Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
279
www.meder.com
MEDER electronic
DIMENSIONS
All dimensions in mm [inch] unspecified tolerances +/- 0.1 mm
Open Reed Sensors
for SMD Mounting
MK23 Series
Lead Design 4
MK23-66
MK23-80
Lead Design 2
MK23-46
Lead Design 4
MK23-87
Lead Design 2
Lead Design 4
Lead Design 2
Lead Design 4
0.50
[0.020]
0.84
[0.033]
20.30
[0.799]
2.20
[0.087]
14.00
[0.551]
max. 8.62
[0.339]
13.30
[0.524]
1.80
[0.071]
7.00
[0.276]
max. 5.12
[0.202]
0.30
[0.012]
0.69
[0.027]
16.30
[0.642]
2.00
[0.079]
10.00
[0.394]
max. 6.62
[0.261]
0.40
[0.016]
0.79
[0.031]
12.0max.
[0.472]
14.8
[0.582]
17.6
[0.692]
8.8
[0.346]
max. 7.62
[0.300]
0.50
[0.020]
2.00
[0.079]
0.84
[0.033]
18.30
[0.720]
12.00
[0.472]
19.6±0.3
[0.772±0.012]
16.0
[0.63]
14.0 max.
[0.551]
10.2±0.2
[0.402±0.014]
1.4
[0.055]
13.0
[0.512]
7.0 max.
[0.276]
12.8
[0.504]
15.6
[0.614]
10.0max.
[0.394]
Lead Design 2


Similar Part No. - MK23-46-E-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-46-E-1 MEDER-MK23-46-E-1 Datasheet
98Kb / 1P
   MK Reed Sensor
MK23-46-E-1_DE MEDER-MK23-46-E-1_DE Datasheet
116Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-46-E-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com