Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E710AHF Datasheet(PDF) 4 Page - Semtech Corporation

Part # E710AHF
Description  500 MHz Pin Electronics Driver, Window Comparator, and Load
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E710AHF Datasheet(HTML) 4 Page - Semtech Corporation

  E710AHF Datasheet HTML 1Page - Semtech Corporation E710AHF Datasheet HTML 2Page - Semtech Corporation E710AHF Datasheet HTML 3Page - Semtech Corporation E710AHF Datasheet HTML 4Page - Semtech Corporation E710AHF Datasheet HTML 5Page - Semtech Corporation E710AHF Datasheet HTML 6Page - Semtech Corporation E710AHF Datasheet HTML 7Page - Semtech Corporation E710AHF Datasheet HTML 8Page - Semtech Corporation E710AHF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge710
Circuit Description
Driver
Introduction
The driver will force DOUT to one of three states:
1. DVH (Drive High)
2. DVL (Drive Low)
3. HiZ
(High Impedance).
Both driver digital control inputs (DHI / DHI*, DRV_EN /
DRV_EN*) are "Flex Inputs" - wide voltage differential inputs
capable of receiving ECL, TTL, CMOS, or custom level
signals.
Single-ended operation is supported by
connecting the inverting input to the appropriate DC
threshold level.
Drive Enable
The drive enable (DRV_EN / DRV_EN*) inputs control
whether the driver is forcing a voltage, or is placed in a
high-impedance state. If DRV_EN is more positive than
DRV_EN*, the output will force either DVH or DVL,
depending on the driver data input. If DRV_EN is more
negative that DRV_EN*, the output goes into a high
impedance state.
Do NOT leave DRV_EN / DRV_EN* floating.
Driver Data
The driver data inputs (DHI / DHI*) determine whether the
driver output is forcing a high or a low. If DHI is more
positive than DHI*, the driver will force DVH when the
driver is active. If DHI is more negative than DHI*, the
driver will force DVL when active.
Do NOT leave DHI / DHI* floating.
Table 1. Driver Control Truth Table
Driver Levels
DVH and DVL are high input impedance voltage controlled
inputs which establish the driver levels of a logical "1" and
"0" respectively.
Driver Level Buffer Compensation
DVH_CAP and DVL_CAP are op amp compensation pins
for the high and low level on-chip buffers. Each pin requires
a 0.01
µF chip capacitor (with good high frequency
characteristics) connected to ground. A tight layout with
minimal distance between the pin and the capacitor is
recommended.
Driver Bias
The BIAS pin is an analog current input which establishes
an on-chip bias current, from which other currents are
generated. This current, to some degree, also establishes
the overall power consumption and performance of the
chip. Ideally, an external current source would be used to
minimize any part-to-part performance variation within a
test system. However, a precision external resistor tied to
a large positive voltage is acceptable. (See figure below.)
The optimal BIAS current is a function of the RADJ and
FADJ settings, and cannot be set independently.
The established bias current follows the equation:
BIAS = (VCC - 0.7) / (Rext + 1.5).
e
l
b
a
n
E
r
e
v
i
r
Da
t
a
D
r
e
v
i
r
DT
U
O
D
*
N
E
_
V
R
D
>
N
E
_
V
R
D*
I
H
D
>
I
H
DH
V
D
*
N
E
_
V
R
D
>
N
E
_
V
R
D*
I
H
D
<
I
H
DL
V
D
*
N
E
_
V
R
D
<
N
E
_
V
R
DX
Z
i
H
1.5K
REXT
BIAS
VCC
VEE


Similar Part No. - E710AHF

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E71 GILWAY-E71 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
E71-12V GILWAY-E71-12V Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Ferroxcube Internationa...
E71-3C90 FERROXCUBE-E71-3C90 Datasheet
47Kb / 4P
   E cores and accessories
E71-3C90-E100 FERROXCUBE-E71-3C90-E100 Datasheet
47Kb / 4P
   E cores and accessories
E71-3C90-E160 FERROXCUBE-E71-3C90-E160 Datasheet
47Kb / 4P
   E cores and accessories
More results

Similar Description - E710AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com