Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E710AHF Datasheet(PDF) 8 Page - Semtech Corporation

Part # E710AHF
Description  500 MHz Pin Electronics Driver, Window Comparator, and Load
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E710AHF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button E710AHF Datasheet HTML 4Page - Semtech Corporation E710AHF Datasheet HTML 5Page - Semtech Corporation E710AHF Datasheet HTML 6Page - Semtech Corporation E710AHF Datasheet HTML 7Page - Semtech Corporation E710AHF Datasheet HTML 8Page - Semtech Corporation E710AHF Datasheet HTML 9Page - Semtech Corporation E710AHF Datasheet HTML 10Page - Semtech Corporation E710AHF Datasheet HTML 11Page - Semtech Corporation E710AHF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge710
Application Information
Super Voltage Operation
The Edge710 may be used to generate a super voltage
level up to 13V at the driver output. To generate this high
voltage, an analog input mux may be used to switch
between the normal high and low drive levels, and a super
voltage level.
Certain Power Supply conditions must be met to support
this functionality.
Extremely Low Leakage Usage
The Edge710 is capable of supporting total load + drive
+ comparator leakage
≤ ~15 nA. This low leakage mode
may be very useful during PMU operation if the pin
electronics are not isolated by a relay, thus eliminating
the need for 1 relay per pin.
To realize this low leakage, the following conditions must
be met:
1. IPD_D = 1 (place the driver in "power down" mode)
2. IPD_C = 1 (place the comparator in "power down"
mode)
3. CVA, CVB
≥ VINP (program the comparator
thresholds
≥ any expected voltage at the comparator
inputs.)
DVH
DVL
S/V
S/V SELECT
710
D_OUT
A
B
Y
B
A
Y


Similar Part No. - E710AHF

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E71 GILWAY-E71 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
E71-12V GILWAY-E71-12V Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Ferroxcube Internationa...
E71-3C90 FERROXCUBE-E71-3C90 Datasheet
47Kb / 4P
   E cores and accessories
E71-3C90-E100 FERROXCUBE-E71-3C90-E100 Datasheet
47Kb / 4P
   E cores and accessories
E71-3C90-E160 FERROXCUBE-E71-3C90-E160 Datasheet
47Kb / 4P
   E cores and accessories
More results

Similar Description - E710AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com