Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E649 Datasheet(PDF) 6 Page - Semtech Corporation

Part # E649
Description  Octal Pin Electronics Driver/Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E649 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button E649 Datasheet HTML 2Page - Semtech Corporation E649 Datasheet HTML 3Page - Semtech Corporation E649 Datasheet HTML 4Page - Semtech Corporation E649 Datasheet HTML 5Page - Semtech Corporation E649 Datasheet HTML 6Page - Semtech Corporation E649 Datasheet HTML 7Page - Semtech Corporation E649 Datasheet HTML 8Page - Semtech Corporation E649 Datasheet HTML 9Page - Semtech Corporation E649 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge649
Application Information
Power Supplies
The Edge649 uses three power supplies – VDD, VCC
and VEE. VDD, typically +5V, is the digital supply for all
of the data inputs and outputs. VCC and VEE are the
analog power supplies for the DUT drivers and
comparators. VCC ranges from +6.5V to +11V, and must
be greater than or equal to VDD + 1.5V.
VEE is the
negative analog power and typically varies from 0V to –
3V.
The Edge649 has several power supply requirements to
protect the part in power supply fault situations, as well
as during power up and power down sequences. VCC
must remain greater than or equal to VDD at all times.
Both VCC and VDD must always be positive (above
ground), and VEE must always be negative (at or below
ground).
The three-diode configuration shown in Figure 5, used
on a once-per-board basis, insures power supply
sequence and fault tolerance.
Figure 5.
Power Supply Protection Scheme
Power Supplies Decoupling
VDD, which provides the digital power, should be
decoupled to GND with a .1
µF chip capacitor in parallel
with a .001
µF chip capacitor. The bypass capacitors
should be as close to the device as possible. Power and
ground planes are recommended to provide a low
inductance return path.
VCC and VEE, which power the DUT drivers and receivers,
should also be decoupled to GND with a .1
µF chip
capacitor in parallel with a .001
µF chip capacitor. A
VCC and VEE plane, or at least a solid power bus, is
recommended for optimal performance.
VHIGH and VLOW Decoupling
As the VHIGH and VLOW inputs are unbuffered and must
supply the driver output current, decoupling capacitors
for these inputs are recommended in proportion to the
amount of output current the application requires
Expanding the Common Mode Range
Although the Edge649 can drive and receive 11V swings,
these 11 V signals can be adjusted over an 14V range.
By using programmable regulators V1 and V2 for the
VCC and VEE supplies (feasible because these two
analog power supplies do not supply driver output
current), the Edge649 I/O range can be optimized for a
variety of applications (see Figure 6).
Figure 6.
There are three rules which govern the supplies V1 and
V2:
1)
VDD + 1.5V
≤ V1 ≤ +11V
2)
–3V
≤ V2 ≤ 0V
3)
(V1 – V2)
≤ 11V
VCC
VDD
VEE
1N5820 or
Equivalent
V1
Edge 649
V2
VCC
VDD


Similar Part No. - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E649APJ SEMTECH-E649APJ Datasheet
150Kb / 16P
   Octal Pin Electronics Driver/Receiver
More results

Similar Description - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE649 SEMTECH-EDGE649 Datasheet
150Kb / 16P
   Octal Pin Electronics Driver/Receiver
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
logo
National Semiconductor ...
DS3890 NSC-DS3890 Datasheet
148Kb / 8P
   Octal Trapezoidal Driver / Octal TRI-STATE Receiver
logo
Semtech Corporation
E7765 SEMTECH-E7765 Datasheet
271Kb / 24P
   1.3 GHz Quad Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com