Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELN-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-30
Description  30W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ELN-30_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-30_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-30_11 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
ELN-30-5
ELN-30-9
ELN-30-12
ELN-30-15
ELN-30-24
ELN-30-27
ELN-30-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
DIMMINGCONTROL (OPTIONAL)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
5V
9V
3~9V
12V
3~12V
15V
3~15V
24V
3~24V
27V
3~27V
48V
3~48V
5A
3.4A
2.5A
2A
1.25A
1.12A
0.63A
0~5A
0~3.4A
0~2.5A
0~2A
0~1.25A
0~1.12A
0~0.63A
25W
30.6W
30W
30W
30W
30.24W
30.24W
80mVp-p
100mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
5.0%
4.5~5.5V
CanbeadjustedbyinternalpotentiometerSVR1
8.7~10.5V
10.8~13.2V
13.5~16.5V
21.6~26.4V
24.3~29.7V
43.2~52.8V
-25%~3%.CanbeadjustedbyinternalpotentiometerSVR2
1.0%
2.0%
500ms,80ms/230VAC10
atfullload
00ms,80ms/115VAC
90~264VAC
127~370VDC
47~63Hz
75%
80%
82%
82%
85%
85%
87%
5.75~6.75V
11~13.5V
13.8~16V
17.5~21V
28~32V
31~36.4V
54~60V
0.75A/115VAC0.48A/230VAC
COLDSTART 60A/230VAC
0.25mA /240VAC
95~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-20~+60
(Referto"DeratingCurve")
1.1~10VDCorPWMsignal:100Hz~3KHz
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
628.3Khrsmin.MIL-HDBK-217F(25
)
145*47*30mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Constant current operation region is within the specified output voltage range above. This is the suitable operation region for LED related applications.
8. In the European market this power supply can be used for LED lighting applications with input power up to 25W.
0.26Kg;60pcs/16.6Kg/1.25CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
30WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Built-in constant current limiting circuit with adjustable OCP level
Optional dimming function : 1.1~10VDC (D type) or PWM (P type) controlled
Fully isolated plastic case with IP64 level
Pass LPS
Suitable for LED lighting and moving sign applications (Note.8)
100% full load burn-in test
Low cost
2 years warranty
Class
power unit, no FG
Features :
E L N - 3 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
FUNCTION
EMC
PROTECTION
50ms/230VAC16ms/115VACatfullload
UL1310Class2,CAN/CSA C22.2No.223-M91(exceptfor48V),IP64approved;designreferto TUVEN60950-1,EN61347-2-13
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:ELN-30-SPEC2011-06-24
LEDOPERATIONVOLTAGE Note.7 3~5V
IP64
( for 48V only)
( except for 48V )
LPS
EMCIMMUNITY
EMCEMISSION


Similar Part No. - ELN-30_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30-12 MEANWELL-ELN-30-12 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
ELN-30-12 MEANWELL-ELN-30-12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
ELN-30-15 MEANWELL-ELN-30-15 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
ELN-30-15 MEANWELL-ELN-30-15 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
More results

Similar Description - ELN-30_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
D-30 MEANWELL-D-30 Datasheet
422Kb / 2P
   30W Dual Output Switching Power Supply
T-30 MEANWELL-T-30 Datasheet
445Kb / 2P
   30W Triple Output Switching Power Supply
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com