Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-60-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DR-60-15
Description  60W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-60-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DR-60-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-60-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
BlockDiagram
AMBIENTTEMPERATURE(
)
MechanicalSpecification
FileName:DR-60-SPEC2010-10-02
TerminalPinNo. Assignment
PinNo.
PinNo.
2
1
5,6
3,4
7
8
Assignment
Assignment
+V
AC/N
AC/L
-V
LED
+V ADJ.
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
DeratingCurve
CaseNo.918BUnit:mm
60WSingleOutputIndustrialDINRailPowerSupply
D R - 6 0 series
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
45
68
93
46.5
46.5
6
5
3
4
2
1
7
8


Similar Part No. - DR-60-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-60-15 ASTRODYNE-DR-60-15 Datasheet
283Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60-15 MEANWELL-DR-60-15 Datasheet
130Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60-15 MEANWELL-DR-60-15 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60-15 TOTAL-POWER-DR-60-15 Datasheet
401Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-60-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-60 ASTRODYNE-DR-60 Datasheet
283Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-60 ALTECH-PS-60_1 Datasheet
87Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-60 TOTAL-POWER-MDR-60 Datasheet
402Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60_11 Datasheet
257Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60_11 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com