Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCW12C-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DCW12C-15
Description  12W DC-DC Regulated Dual Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DCW12C-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DCW12C-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022Class A,FCCpart15Class A
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
232
223
1
169
1411
BOTTOMVIEW
15.24(0.60)
20.3(0.80)
12.2(0.48)
2.54(
)
0.10
2.54(
)
0.10
5.08(
)
0.20
3.81()
0.15
SIDE
VIEW
2:1 wide input range
1500VDC I/O isolation
Built-in remote ON/OFF control
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Five-sided shield metal case
100% full load burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
FileName:DCW12-SPEC2011-03-08
DCW12A-05 DCW12B-05 DCW12C-05 DCW12A-12 DCW12B-12 DCW12C-12 DCW12A-15 DCW12B-15 DCW12C-15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
Note.5
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
FILTER
PROTECTION
PROTECTION
VOLTAGE ACCURACY
A:9~18VDCB:18~36VDCC:36~72VDC
400KHzmin.
2.0%
0.5%
0.5%
50mVp-p
60mVp-p
60mVp-p
12W
240~ 1200mA
100~ 500mA
80~ 400mA
5V
12V
15V
80%
84%
84%
A:1245mA B:625mA
C:320mA
A:70mA
B:35mA
C:25mA
I/P-O/P:1.5KVDC
I/P-O/P: 100M Ohms / 500VDC / 25
/ 70% RH
2200pF max.
600Khrs min. MIL-HDBK-217F (25
)
-40 ~ +71
(refer to output load derating curve)
20% ~ 90% RH non-condensing
-40 ~ +105
, 10 ~ 95% RH
0.05% /
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
31.8*20.3*12.2mm (L*W*H) or 1.25"*0.80"*0.48" inch (L*W*H)
18.5g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.
3.
.
Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
Line regulation is measured from low line to high line at rated load.
4 Load regulation is measured from 20% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
80%
Fullload
Noload
Pinetwork
Fuserecommended
81%
84%
84%
83%
83%
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD
SHORTCIRCUIT
110~180%ratedoutputload
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithovercurrentprotection
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Ta(
)
P i nN o .
O u t p u t
1
2&3
9
11
1 4
1 6
2 2&2 3
R . C .
- V i n
C O M
- Vo u t
+ Vo u t
C O M
+ V i n
12WDC-DCRegulatedDualOutputConverter
D C W 1 2 series
100
-40
0
25
50
71
60
60
100
0.6
+0.2/-0
REMOTECONTROL
PowerON:R.C.~-Vin>4VDCoropen;PowerOFF:R.C.~-Vin<1VDCorshort


Similar Part No. - DCW12C-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW12C-15 MEANWELL-DCW12C-15 Datasheet
161Kb / 1P
   12W DC-DC Regulated Dual Output Converter
More results

Similar Description - DCW12C-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW12 MEANWELL-DCW12 Datasheet
161Kb / 1P
   12W DC-DC Regulated Dual Output Converter
SCW12 MEANWELL-SCW12 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
SCW12 MEANWELL-SCW12_11 Datasheet
165Kb / 1P
   12W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRA1205LD-20W MORNSUN-VRA1205LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Chinfa Electronics Ind....
FDD12 CHINFA-FDD12 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
FDD12 CHINFA-FDD12_14 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
logo
List of Unclassifed Man...
FDD12-512T4 ETC-FDD12-512T4 Datasheet
142Kb / 3P
   DC-DC CONVERTER 12W TRIPLE OUTPUT
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
   8W DC-DC Regulated Dual Output Converter
DCW08 MEANWELL-DCW08_11 Datasheet
222Kb / 1P
   8W DC-DC Regulated Dual Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com