Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKA30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DKA30
Description  25~30W DC-DC Dual Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DKA30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DKA30_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-Vin
+Vin
+Vout
-Vout
TRIM
3
4
8
7
6
LOAD
UP
DOWN
TRIMPOT
VR
VR
20K
2:1 wide input range
4:1 wide input range(option)
1000VDC I/O isolation
Built-in EMI filter
Trimming output( 10%)
Remote ON-OFF control
Protections: Short circuit / Overload
Cooling by free air convection
Six-sided shield metal case
Epoxy encapsulated
100% burn-in test
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:DKA30-SPEC 2011-03-08
DKA30A-05 DKA30B-05 DKA30C-05 DKA30A-12 DKA30B-12 DKA30C-12 DKA30A-15 DKA30B-15 DKA30C-15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
EXTERNAL TRIM Adj.RANGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
FILTER
PROTECTION
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
A:9~18VDCB:18~36VDCC:36~72VDC
10%
100KHzmin.
2.0%
0.5%
0.5%
100mVp-p
25W
30W
30W
250~ 2500mA
125~ 1250mA
100~ 1000mA
5V
12V
15V
80%
83%
83%
A:3.2A
B:1.5A
C:0.77A
A:40mA B:20mA C:10mA
I/P-O/P:1KVDC
I/P-O/P: 100M Ohms / 500VDC / 25
/ 70% RH
100Khrs min. MIL-HDBK-217F (25
)
-40 ~ +85
(Refer to output load derating curve)
20% ~ 90% RH non-condensing
-40 ~ +105
, 10 ~ 95% RH
0.03% /
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
50.8*50.8*21.0mm or 2"*2"*0.82" inch (L*W*H)
110g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
80%
Fullload
Noload
Pinetwork
80%
80%
81%
80%
81%
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
ExternalOutputTrimming
DeratingCurve
Output
Output
8
7
6
5
5.8(0.23)
1
4
3
2
BOTTOM
VIEW
21(0.82)
SIDE
VIEW
30.48(1.20)
15.24(0.60)
22.9(0.90)
50.8(2.00)
2.5(0.10)
12.7(0.50)
R.C
+Vout
NoPin
COM
-Vin
-Vout
+Vin
TRIM
PinNo.
PinNo.
1
5
2
6
3
7
4
8
Features :
OVERLOAD
SHORTCIRCUIT
110~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
1.0
+0.2/-0.1
Ta(
)
-40
0
25
50
71 85
80
100
100
25~30WDC-DCDualOutputConverter
D K A 3 0 series
(Note.5)
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended
REMOTECONTROL
Poweron:R.C~-Vin>4.5~5.5VDCoropen,Poweroff:R.C~-Vin<0.8VDCorshort


Similar Part No. - DKA30_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKA30_1109 MEANWELL-DKA30_1109 Datasheet
202Kb / 1P
   25~30W DC-DC Dual Output Converter
More results

Similar Description - DKA30_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
   25~30W DC-DC Dual Output Converter
DKA30_1109 MEANWELL-DKA30_1109 Datasheet
202Kb / 1P
   25~30W DC-DC Dual Output Converter
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com