Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15112EWG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15112EWG
Description  High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15112EWG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15112EWG Datasheet HTML 1Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 2Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 3Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 4Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 5Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 6Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 7Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 8Page - Maxim Integrated Products MAX15112EWG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
����������������������������������������������������������������� Maxim Integrated Products  5
MAX15112
High-Efficiency, 12A, Current-Mode Synchronous
Step-Down Regulator with Integrated Switches
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.5V, ILOAD = 4A, CSS = 33nF, see the Typical Operating Circuits, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
(VIN = 5V, SKIP MODE)
LOAD CURRENT (A)
1
55
60
65
70
75
80
85
90
95
100
50
0.1
10
100
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
SWITCHING FREQUENCY
vs. INPUT VOLTAGE (PWM, IOUT = 0A)
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
920
940
960
980
1000
1020
1040
1060
1080
1100
900
2.5
5.5
TA = +85°C
TA = +25°C
TA = -40°C
OUTPUT VOLTAGE
vs. INPUT VOLTAGE (PWM)
INPUT VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
1.494
1.496
1.498
1.500
1.502
1.504
1.506
1.508
1.492
2.5
5.5
IOUT = 12A
IOUT = 0A
IOUT = 6A
OUTPUT VOLTAGE ERROR
vs. INPUT VOLTAGE (PWM, IOUT = 6A)
INPUT VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
2.5
5.5
VOUT = 1.8V
VOUT = 1.2V
REFERENCED TO VIN = 4V
OUTPUT VOLTAGE
vs. LOAD CURRENT (PWM, VOUT = 1.5V)
LOAD CURRENT (A)
10
8
6
4
2
1.492
1.494
1.496
1.498
1.500
1.502
1.504
1.506
1.508
1.510
1.490
0
12
VIN = 5V
VIN = 3.3V
LOAD-TRANSIENT RESPONSE
(VIN = 5V, PWM, 1A/µs)
MAX15112 toc09
VOUT
20mV/div
AC-COUPLED
6A
IOUT
2A/div
0.1A
40µs/div


Similar Part No. - MAX15112EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15112EVKIT MAXIM-MAX15112EVKIT Datasheet
806Kb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
More results

Similar Description - MAX15112EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15118 MAXIM-MAX15118 Datasheet
4Mb / 23P
   High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com