Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16910 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16910
Description  200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16910 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16910_11 Datasheet HTML 2Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 3Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 4Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 5Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 6Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 7Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 8Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 9Page - Maxim Integrated Products MAX16910_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
200mA, Automotive, Ultra-Low
Quiescent Current, Linear Regulator
6_ _ _______________________________________________________________________________________
Note_2:__Production tested at TA = +25°C. Overtemperature limits are guaranteed by ATE characterization between -40°C P TJ
+150°C, unless otherwise noted.
Note_3: Observe the absolute maximum power dissipation limits.
Note_4: Specification characterized up to +150°C operating junction temperature. Limits are guaranteed by bench characterization.
Note_5: Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT for VIN = VOUT + 3V.
Note_6: Not production tested.
Note_7: ENABLE is internally pulled to GND.
ELECTRICAL_CHARACTERISTICS_(continued)
(VIN = VENABLE = +14V, CTIMEOUT = open, CIN = 1µF, COUT = 4.7µF, unless otherwise noted. TA = -40°C to +125°C, TA P TJ P
+150°C,unless otherwise noted. Typical values are TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SETOV_INPUT_(TRI-MODE)
SETOV Input Leakage Current
SET = HIGH, VSETOV = 5V
or SET = GND, VSETOV = 5V
1
F
A
SETOV Low-Level Input Voltage
VILSETOV
SET = GND, VSETOV < VILSETOV or places
device in +3.3V fixed output-voltage mode
0.4
V
SETOV High-Level Input Voltage
VIHSETOV
SET = GND, VSETOV > VIHSETOV or places
device in +5V fixed output-voltage mode
VOUT
- 0.4
V


Similar Part No. - MAX16910_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910_12 Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 3; 4/12
More results

Similar Description - MAX16910_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910_12 Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 3; 4/12
MAX16910 MAXIM-MAX16910 Datasheet
1Mb / 13P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
MAX25210 MAXIM-MAX25210 Datasheet
441Kb / 17P
   Automotive Ultra Low Quiescent Current Linear Regulator Family
2021
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com