Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS40A48-P1J Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS40A48-P1J
Description  40WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS40A48-P1J Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS40A48-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS40A48-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT(Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.6)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GS40A05
GS40A05-P1J GS40A07-P1J GS40A09-P1J GS40A12-P1J GS40A15-P1J GS40A18-P1J GS40A24-P1J GS40A48-P1J
7.5V
GS40A07
9V
GS40A09
12V
GS40A12
15V
GS40A15
18V
GS40A18
24V
GS40A24
48V
GS40A48
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.5%
2.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.5%
2.5%
90~264VAC127~370VDC
47~63Hz
80.5%
85.5%
7.88~10.13V
85%
9.45~12.15V
89%
12.6~16.2V
89.5%
15.75~20.25V
90%
18.9~24.3V
91%
25.2~32.4V
92%
50.4~64.8V
1A /115VAC0.5A /230VAC
65A /230VAC
0.75mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
711Khrsmin.MIL-HDBK-217F(25
)
-30~+60
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
125*50*31.5mm(L*W*H)
0.28Kg;40pcs/12.02Kg/1.05CUFT
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktype,centerpositive
;O
Seepage2
thertypeavailablebycustomerrequested
;O
1. All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2. DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4. Tolerance: includes set up tolerance, line regulation, load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives.
7. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
40W AC-DCSingleOutputDesktop
G S 4 0 series
Features :
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
OVERLOAD
OVERVOLTAGE
105~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
5.25~6.75V
5A
5.34A
4.45A
3.34A
2.67A
2.22A
1.67A
0.84A
0~5A
0~5.34A
0~4.45A
0~2.67A
0~2.22A
0~1.67A
0~0.84A
25W
40W
40W
40W
0~3.34A
40W
40W
40W
40W
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1,BSMICNS14336,
approved
J60950-1(exceptfor48V)
CompliancetoEN55022
,
FCCPART 15/CISPR22classB
classB EN61000-3-2,3,
,CNS13438classB,GB17625.1
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Approvals: UL / CUL / TUV / BSMI / CB / FCC / CE
Class
power ( with earth pin)
Pass LPS
LED indicator for power on
No load power consumption<0.3W
Meet EISA 2007(Energy Independence and Security Act)
2 years warranty
1000ms,30ms/230VAC1000ms,30ms/115VACatfullload
50ms/230VAC15ms/115VACatfullload
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG
/25
/70%RH
:100MOhms/500VDC
(except for 48V)
EMCIMMUNITY
EMCEMISSION
FileName:GS40-SPEC 2011-06-15


Similar Part No. - GS40A48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS40A48-P1J MEANWELL-GS40A48-P1J Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40A48-P1J MEANWELL-GS40A48-P1J Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
More results

Similar Description - GS40A48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS40 MEANWELL-GS40 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
P40A MEANWELL-P40A Datasheet
165Kb / 2P
   15~40WAC-DC Single Output Desktop
P40B MEANWELL-P40B Datasheet
156Kb / 2P
   15~40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com