Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98089 Datasheet(PDF) 50 Page - Maxim Integrated Products

Part # MAX98089
Description  Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98089 Datasheet(HTML) 50 Page - Maxim Integrated Products

Back Button MAX98089 Datasheet HTML 46Page - Maxim Integrated Products MAX98089 Datasheet HTML 47Page - Maxim Integrated Products MAX98089 Datasheet HTML 48Page - Maxim Integrated Products MAX98089 Datasheet HTML 49Page - Maxim Integrated Products MAX98089 Datasheet HTML 50Page - Maxim Integrated Products MAX98089 Datasheet HTML 51Page - Maxim Integrated Products MAX98089 Datasheet HTML 52Page - Maxim Integrated Products MAX98089 Datasheet HTML 53Page - Maxim Integrated Products MAX98089 Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
���������������������������������������������������������������� Maxim Integrated Products 50
MAX98089
Low-Power, Stereo Audio Codec
with FlexSound Technology
Typical Operating Characteristics (continued)
(VAVDD = VPVDD = VDVDD = VDVDDS1 = VDVDDS2 = 1.8V, VSPKLVDD = VSPKRVDD = 3.7V. Speaker loads (ZSPK) connected between
SPK_P and SPK_N. Receiver load (RREC) connected between RECP and RECN. Headphone loads (RHP) connected from HPL or HPR
to HPGND. Line out (RLOUT) connected from LOUTL or LOUTR to SPKLGND, CREF = 2.2FF, CMICBIAS = CREG = 1FF, CC1N-C1P =
1FF, CHPVDD = CHPVSS = 1FF. AVMICPRE_ = +20dB, AVMICPGA_ = 0dB, AVDACATTN = 0dB, AVDACGAIN = 0dB, AVADCLVL = 0dB,
AVADCGAIN = 0dB, AVPGAIN_ = 0dB, AVHP_ = 0dB, AVREC = 0dB, AVSPK_ = 0dB, MCLK = 12.288MHz, LRCLK = 48kHz, MAS = 1. TA
= +25NC, unless otherwise noted.)
SOFTWARE TURN-ON/OFF RESPONSE
(DAC TO HEADPHONE, VSEN = 0)
MAX98089 toc108
SCL
1V/div
HEADPHONE
OUTPUT
1V/div
10ms/div
SOFTWARE TURN-ON/OFF RESPONSE
(DAC TO HEADPHONE, VSEN = 1)
MAX98089 toc109
SCL
1V/div
HEADPHONE
OUTPUT
1V/div
10ms/div
FFT, 0dBFS (DAC TO HEADPHONE)
FREQUENCY (kHz)
18
16
2
4
6
10 12
8
14
-120
-100
-80
-60
-40
-20
0
20
-140
0
20
MCLK = 13MHz
LRCLK = 8kHz
FREQ MODE
RHP = 32I
FFT, -60dBFS (DAC TO HEADPHONE)
FREQUENCY (kHz)
18
16
2
4
6
10 12
8
14
-120
-100
-80
-60
-40
-20
0
20
-140
0
20
MCLK = 13MHz
LRCLK = 8kHz
FREQ MODE
RHP = 32I


Similar Part No. - MAX98089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089 MAXIM-MAX98089 Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX98089ETN+T MAXIM-MAX98089ETN+T Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089ETN+T MAXIM-MAX98089ETN+T Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX98089EVKIT#TQFN MAXIM-MAX98089EVKIT#TQFN Datasheet
1Mb / 22P
   MAX98089 Evaluation Kit (TQFN)
19-5983; Rev 0; 9/11
More results

Similar Description - MAX98089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98089 MAXIM-MAX98089_12 Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089 MAXIM-MAX98089_V01 Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX9888 MAXIM-MAX9888 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FLEXSOUND Technology
Rev 0; 6/10
MAX98088 MAXIM-MAX98088_V01 Datasheet
11Mb / 123P
   Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX9888 MAXIM-MAX9888_V01 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com