Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98089 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX98089
Description  Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98089 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX98089 Datasheet HTML 5Page - Maxim Integrated Products MAX98089 Datasheet HTML 6Page - Maxim Integrated Products MAX98089 Datasheet HTML 7Page - Maxim Integrated Products MAX98089 Datasheet HTML 8Page - Maxim Integrated Products MAX98089 Datasheet HTML 9Page - Maxim Integrated Products MAX98089 Datasheet HTML 10Page - Maxim Integrated Products MAX98089 Datasheet HTML 11Page - Maxim Integrated Products MAX98089 Datasheet HTML 12Page - Maxim Integrated Products MAX98089 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX98089
Low-Power, Stereo Audio Codec
with FlexSound Technology
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VPVDD = VDVDD = VDVDDS1 = VDVDDS2 = 1.8V, VSPKLVDD = VSPKRVDD = 3.7V. Speaker loads (ZSPK) connected between
SPK_P and SPK_N. Receiver load (RREC) connected between RECP and RECN. Headphone loads (RHP) connected from HPL or HPR
to HPGND. Line out loads (RLOUT) connected from LOUTL or LOUTR to SPKLGND. RLOAD = RHP = J, RREC = J, ZSPK = J, CREF =
2.2FF, CMICBIAS = CREG = 1FF, CC1N-C1P = 1FF, CHPVDD = CHPVSS = 1FF. AVMICPRE_ = +20dB, AVMICPGA_ = 0dB, AVDACATTN =
0dB, AVDACGAIN = 0dB, AVADCLVL = 0dB, AVADCGAIN = 0dB, AVPGAIN_ = 0dB, AVHP_ = 0dB, AVREC = 0dB, AVSPK_ = 0dB, MCLK
= 12.288MHz, LRCLK = 48kHz, MAS = 0. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINE INPUT PREAMP
Full-Scale Input
VIN
AVPGAIN_ = 0dB
1
VP-P
AVPGAIN_ = -6dB
1.4
Level Adjust Gain
AVPGAIN_
TA = +25NC
(Note 5)
PGAINA/PGAINB = 0x0
19
20
21
dB
PGAINA/PGAINB = 0x1
13
14
15
PGAINA/PGAINB = 0x2
2
3
4
PGAINA/PGAINB = 0x3
0
PGAINA/PGAINB = 0x4
-4
-3
-2
PGAINA/PGAINB = 0x5,
0x6, 0x7
-7
-6
-5
Input Resistance
RIN
AVPGAIN_ = +20dB
14.5
21
28
kI
AVPGAIN_ = +14dB
20
AVPGAIN_ = +3dB
20
AVPGAIN_ = 0dB
7.5
10
14
AVPGAIN_ = -3dB
20
AVPGAIN_ = -6dB
20
Feedback Resistance
RIN_FB
INAEXT/INBEXT = 1
TA = +25NC
18
20
22
kI
TA = TMIN to TMAX
16
24
ADC LEVEL CONTROL
ADC Level Adjust Range
AVADCLVL AVL/AVR = 0xF to 0x0 (Note 5)
-12
+3
dB
ADC Level Step Size
1
dB
ADC Gain Adjust Range
AVADCGAIN AVLG/AVRG = 00 to 11 (Note 5)
0
18
dB
ADC Gain Adjust Step Size
6
dB
ADC DIGITAL FILTERS
VOICE MODE IIR LOWPASS FILTER (MODE1 = 0)
Passband Cutoff
fPLP
Ripple limit cutoff
0.441 x fs
Hz
-3dB cutoff
0.449 x fs
Passband Ripple
f < fPLP
-0.1
+0.1
dB
Stopband Cutoff
fSLP
0.47 x fS
Hz
Stopband Attenuation
(Note 6)
f > fSLP
74
dB


Similar Part No. - MAX98089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089 MAXIM-MAX98089 Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX98089ETN+T MAXIM-MAX98089ETN+T Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089ETN+T MAXIM-MAX98089ETN+T Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX98089EVKIT#TQFN MAXIM-MAX98089EVKIT#TQFN Datasheet
1Mb / 22P
   MAX98089 Evaluation Kit (TQFN)
19-5983; Rev 0; 9/11
More results

Similar Description - MAX98089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98089 MAXIM-MAX98089_12 Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089 MAXIM-MAX98089_V01 Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX9888 MAXIM-MAX9888 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FLEXSOUND Technology
Rev 0; 6/10
MAX98088 MAXIM-MAX98088_V01 Datasheet
11Mb / 123P
   Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX9888 MAXIM-MAX9888_V01 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com