Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8515LC Datasheet(PDF) 19 Page - Semtech Corporation

Part # ACS8515LC
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515LC Datasheet(HTML) 19 Page - Semtech Corporation

Back Button ACS8515LC Datasheet HTML 15Page - Semtech Corporation ACS8515LC Datasheet HTML 16Page - Semtech Corporation ACS8515LC Datasheet HTML 17Page - Semtech Corporation ACS8515LC Datasheet HTML 18Page - Semtech Corporation ACS8515LC Datasheet HTML 19Page - Semtech Corporation ACS8515LC Datasheet HTML 20Page - Semtech Corporation ACS8515LC Datasheet HTML 21Page - Semtech Corporation ACS8515LC Datasheet HTML 22Page - Semtech Corporation ACS8515LC Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
19
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
.r
d
d
A
)
x
e
H
(
e
m
a
N
r
e
t
e
m
a
r
a
Pti
B
a
t
a
D
)
b
s
m
(
76
5
4
3
2
1
)
b
s
l(
0
E
3t
e
s
ff
o
_
r
e
v
o
d
l
o
h
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
t
e
s
ff
o
r
e
v
o
d
l
o
H
F
3
)
8
:
5
1
(
t
e
s
ff
o
r
e
v
o
d
l
o
H
0
4o
t
u
A
r
e
v
o
d
l
o
H
g
n
i
g
a
r
e
v
A
)
6
1
:
8
1
(
t
e
s
ff
o
r
e
v
o
d
l
o
H
1
4ti
m
il
_
q
e
rf
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
ti
m
il
t
e
s
ff
o
y
c
n
e
u
q
e
r
F
L
L
P
D
2
4
t
e
s
ff
o
y
c
n
e
u
q
e
r
F
L
L
P
D
)
8
:
9
(
ti
m
il
3
4k
s
a
m
_
t
p
u
rr
e
t
n
i
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S
s
u
t
a
t
s
F
F
I
D
2
C
E
S
s
u
t
a
t
s
F
F
I
D
1
C
E
S
s
u
t
a
t
s
2
C
E
S
s
u
t
a
t
s
1
C
E
S
'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S
4
4
e
d
o
m
.r
e
p
Of
e
r
n
i
a
M'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S
s
u
t
a
t
s
3
C
E
S
5
4
'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S
6
4n
v
i
d
_
q
e
rf
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
o
it
a
r
n
-
y
b
-t
u
p
n
i-
e
d
i
v
i
D
7
4
)
8
:
3
1
(
o
it
a
r
n
-
y
b
-t
u
p
n
i-
e
d
i
v
i
D
8
4s
r
o
ti
n
o
m
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
t
s
o
l
f
e
r
g
a
l
F
O
D
T
n
o
t
s
a
f-
a
rt
l
U
g
n
i
h
c
ti
w
s
l
a
n
r
e
t
x
E
e
c
r
u
o
s
h
c
ti
w
s
e
l
b
a
n
e
e
z
e
e
r
F
e
s
a
h
p
t
u
o
d
li
u
b
e
s
a
h
P
t
u
o
d
li
u
b
e
l
b
a
n
e
s
r
o
ti
n
o
m
y
c
n
e
u
q
e
r
F
)
0
:
1
(
n
o
it
a
r
u
g
if
n
o
c
0
50
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
m
r
a
l
a
y
ti
v
it
c
A
:
0
n
o
it
a
r
u
g
if
n
o
C
1
50
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
e
r
m
r
a
l
a
y
ti
v
it
c
A
:
0
n
o
it
a
r
u
g
if
n
o
C
2
50
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
e
z
i
s
t
e
k
c
u
b
m
r
a
l
a
y
ti
v
it
c
A
:
0
n
o
it
a
r
u
g
if
n
o
C
3
50
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
:
0
n
o
it
a
r
u
g
if
n
o
C
)
0
:
1
(
e
t
a
r
_
y
a
c
e
d
4
51
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
m
r
a
l
a
y
ti
v
it
c
A
:
1
n
o
it
a
r
u
g
if
n
o
C
5
51
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
e
r
m
r
a
l
a
y
ti
v
it
c
A
:
1
n
o
it
a
r
u
g
if
n
o
C
6
51
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
e
z
i
s
t
e
k
c
u
b
m
r
a
l
a
y
ti
v
it
c
A
:
1
n
o
it
a
r
u
g
if
n
o
C
7
51
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
:
1
n
o
it
a
r
u
g
if
n
o
C
)
0
:
1
(
e
t
a
r
_
y
a
c
e
d
8
52
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
m
r
a
l
a
y
ti
v
it
c
A
:
2
n
o
it
a
r
u
g
if
n
o
C
9
52
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
)
0
:
7
(
d
l
o
h
s
e
r
h
t
t
e
s
e
r
m
r
a
l
a
y
ti
v
it
c
A
:
2
n
o
it
a
r
u
g
if
n
o
C


Similar Part No. - ACS8515LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com