Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8510 Datasheet(PDF) 16 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 12Page - Semtech Corporation ACS8510 Datasheet HTML 13Page - Semtech Corporation ACS8510 Datasheet HTML 14Page - Semtech Corporation ACS8510 Datasheet HTML 15Page - Semtech Corporation ACS8510 Datasheet HTML 16Page - Semtech Corporation ACS8510 Datasheet HTML 17Page - Semtech Corporation ACS8510 Datasheet HTML 18Page - Semtech Corporation ACS8510 Datasheet HTML 19Page - Semtech Corporation ACS8510 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
16
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
Figure 3: Wander and Jitter Transfer Characteristsics
3HDNWRSHDN MLWWHU DQG ZDQGHUDPSOLWXGH
ORJ VFDOH
-LWWHU DQG ZDQGHUIUHTXHQF\ ORJ VFDOH
G%
8, # I
G%
-LWWHU FXWRII ORZ IUHTXHQF\ +]
-LWWHU FXWRII KLJK IUHTXHQF\ +]
store is required to prevent data loss. But, since
any buffer store potentially increases latency,
wander may often only need to be removed at
specific points within a network where buffer
stores are acceptable, such as at digital cross
connects. Otherwise, wander is sometimes not
required to be attenuated and can be passed
through transparently. The ACS8510 has
programmable wander transfer characteristics
in a range from 0.1 Hz to 20 Hz. The wander
and jitter transfer characteristic is shown in
Figure 3.
Wander on the local oscillator clock will not
have significant effect on the output clock whilst
in Locked mode, so long as the DPLL bandwidth
is set high enough so that the DPLL can
compensate quickly enough for any frequency
changes in the crystal. In Free-Running or
Holdover mode wander on the crystal is more
significant. Variation in crystal temperature or
supply voltage both cause drifts in operating
frequency, as does ageing. These effects must
be limited by careful selection of a suitable
component for the local oscillator, as specified
in the section ‘Local Oscillator Clock’.
Phase Variation
There will be a phase shift across the ACS8510
between the selected input reference source
and the output clock. This phase shift may vary
over time but will be constrained to lie within
specified limits. The phase shift is characterised
using two parameters, MTIE (Maximum Time
Interval Error), and TDEV (Time Deviation), which,
although being specified in all relevent
specifications, differ in acceptable limits in each
one. Typical measurements for the ACS8510
are shown in Figures 4 and 5, for Locked mode
operation. Figure 6 shows a typical
measurement of Phase Error accumulation in
Holdover mode operation.
The required performance for phase variation
during Holdover is specified in several ways
depending upon the particular circumstances


Similar Part No. - ACS8510

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8510 IQD-ACS8510 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8510REV2.1 SEMTECH-ACS8510REV2.1 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results

Similar Description - ACS8510

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com