Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8510 Datasheet(PDF) 62 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 58Page - Semtech Corporation ACS8510 Datasheet HTML 59Page - Semtech Corporation ACS8510 Datasheet HTML 60Page - Semtech Corporation ACS8510 Datasheet HTML 61Page - Semtech Corporation ACS8510 Datasheet HTML 62Page - Semtech Corporation ACS8510 Datasheet HTML 63Page - Semtech Corporation ACS8510 Datasheet HTML 64Page - Semtech Corporation ACS8510 Datasheet HTML 65Page - Semtech Corporation ACS8510 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
62
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
t
su1
t
h1
t
su2
t
h2
t
pw2
CSB
ALE=SCLK
AD(0)=SDO
A(0)=SDI
R/W
_
A0
A1
A2
A3
A4
A5
A6
pw1
t
d1
t
D0
D5
D3
D2
D4
D7
D6
t
d2
D1
h2
AD(0)=SDO
D0
D1
D2
D3
D4
D5
D6
R/W
ALE=SCLK
A(0)=SDI
CSB
A3
A1
A0
_
A2
A5
A4
A6
t
d1
t
D7
t
d2
SERIAL Mode
In SERIAL mode, the device is configured to interface with a serial microprocessor bus. The following figures
show the timing diagrams of write and read accesses for this mode.
During read access the output data SDO (AD(0)) is clocked out on the rising edge of SCLK (ALE) when the active
edge selection control bit CLKE (A(1)) is 0 and on the falling edge when CLKE = 1.
Address, read/write control bit and write data are always clocked into the interface on the rising edge of SCLK.
Both input data SDI and clock SCLK are oversampled, filtered and synchronized to the 6MHz internal clock.
The serial interface clock (SCLK) is not required to run between accesses (i.e., when CSB = 1).
Read access timing in SERIAL Mode.
CLKE = 0; SDO data is clocked out on the rising edge of SCLK
CLKE = 1; SDO data is clocked out on the falling edge of SCLK


Similar Part No. - ACS8510

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8510 IQD-ACS8510 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8510REV2.1 SEMTECH-ACS8510REV2.1 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results

Similar Description - ACS8510

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com