Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ1740 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ1740
Description  Magnetic Card Reader Security Microcontroller Optimized for C-Compiler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ1740 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ1740 Datasheet HTML 1Page - Maxim Integrated Products MAXQ1740 Datasheet HTML 2Page - Maxim Integrated Products MAXQ1740 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXQ1740
Magnetic Card Reader Security Microcontroller
����������������������������������������������������������������� Maxim Integrated Products  1
ABRIDGED DATA SHEET
General Description
The MAXQ1740 is a low-power microcontroller that inte-
grates a triple-track magnetic stripe reader interface, an
I2C interface, two SPIK interfaces, and one universal
synchronous/asynchronous receiver-transmitter (USART)
interface. Security features include an AES encryption
engine, a true hardware random-number generator, volt-
age-attack sensors, and a self-destruct input pin. A sin-
gle-cycle 16-bit RISC MAXQM CPU powers the device. It
provides a high level of security for the magnetic stripe
reader by placing an ultra-secure microcontroller with
high-speed hardware encryption inside the magnetic
card reader head.
The device provides 16KB of flash memory, 1KB of fast-
wipe nonvolatile SRAM (NV SRAM), and 128 bytes of
data NV SRAM that instantaneously zeroizes its contents
when a tamper is detected. The 128 bytes can be used
as data RAM or working RAM for the AES. The fast-wipe
feature ensures that any data in the 1KB of memory is
destroyed before any application software can access it.
Factory programming of a unique 64-bit serial number,
and/or customer secret key(s), is available upon request.
The microcontroller runs within a wide 1.7V to 3.6V oper-
ating range. User-application firmware interfaces with the
triple-track magnetic stripe interface. Reference software
supports the reading of cards adhering to ISO 7811, ISO
7812, and ISO 7813. Source code to the reference soft-
ware is available so applications can make adjustments
for custom card formats.
An ultra-low-power stop mode provides the ultimate in
low-power performance. In this mode, only a minimum
amount of circuitry is powered to support detection of
self-destruct events. When the main power supply is
present and the microcontroller is in stop mode, the
device has the option of exiting stop mode when stimulat-
ed by general-purpose port pins or the serial interfaces.
Applications
ATM/POS Terminals
Physical Security/Building Access
Features
S
CoreFunctionality
High-Performance,Low-Power,16-BitMAXQ20C
 RISCCore
6MHzInternalOscillator(±10%)
Upto12MHzExternalCrystalSupported
1.7Vto3.6VOperatingVoltage
1-Wire®InterfaceforDebuggerandFlash
 Programming
OptimizedforC-Compiler
S
Security
AESHardwareAccelerators
HardwareTrueRandom-NumberGenerator
Self-DestructInputforTamperDetection
PermanentLoaderLockoutOption
CodeScrambling
S
Memory
16KBFlashMemory
512BytesMemoryPageSectors
1000Erase/WriteCyclesperSector
1152BytesFast-WipeNVSRAM,128Bytes
 UsablebyCryptographicEngine
6KBUtilityROMwithUser-CallableRoutines
S
I/OandPeripherals
Triple-TrackMagneticStripeHeadInterface
TwoSPICommunicationPorts
USARTCommunicationPort
Two16-BitTimers
I2CCommunicationPort
Upto16General-PurposeI/OPins
Upto8ExternalInterruptPins
S
LowPowerConsumption
3µACurrentinLowestPowerStopMode
3.75mA(typ)at6MHz,0.8mA(typ)at1MHz
DividedSystemClockModesAvailable
S
AdditionalPeripherals
On-ChipPower-On/Power-FailReset
SupplyOvervoltageDetection
ProgrammableWatchdogTimer
Wake-UpTimer
19-5893; Rev 0; 6/11
Ordering Information appears at end of data sheet.
SPI is a trademark of Motorola, Inc.
MAXQ and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may
be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAXQ1740.related
Forpricing,delivery,andorderinginformation,pleasecontactMaximDirectat1-888-629-4642,
orvisitMaxim’swebsiteatwww.maxim-ic.com.


Similar Part No. - MAXQ1740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ1741 MAXIM-MAXQ1741 Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAXQ1741-DNS++ MAXIM-MAXQ1741-DNS+ Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAXQ1741-FBX++ MAXIM-MAXQ1741-FBX+ Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAXQ1741A-DNS++ MAXIM-MAXQ1741A-DNS+ Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAXQ1741A-FBX++ MAXIM-MAXQ1741A-FBX+ Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
More results

Similar Description - MAXQ1740

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
6Mb / 668P
   C Compiler Optimized RISC Architecture
07/14/15
XC8 MICROCHIP-XC8 Datasheet
6Mb / 606P
   MPLAB짰 XC8 C Compiler
11/07/16
logo
Panasonic Semiconductor
ZU-1870MA8R PANASONIC-ZU-1870MA8R Datasheet
353Kb / 32P
   MAGNETIC CARD READER SPECIFICATION
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
   Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
   Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
   Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
   Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
   Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
   Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
   Manual Swipe Magnetic Card Reader
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com