Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTC4521F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTC4521F
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4521F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC4521F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4521F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4521F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007. 5. 22
3/3
KTC4521F
Revision No : 0
10
0.01
COLLECTOR EMITTER VOLTAGE V
(A)
CE
20
50 100
200
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
REVERSE BIAS SAFE OPERATING AREA
AMBIENT TEMPERATURE Ta ( C)
0
25
500 1000 2000 5000 10000
L=200
µH
I 2=-1A
B
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
Pc - Ta


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn