Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTC4521F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTC4521F
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4521F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4521F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4521F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4521F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007. 5. 22
2/3
KTC4521F
Revision No : 0
COLLECTOR EMITTER VOLTAGE V
(V)
0
0
I
- V
2
1
2
3
4
CE
C
COLLECTOR CURRENT I
(A)
0.02
0.1
10
0.01
0.2
0.5
2
2
5
20
100
200
1000
FE
h
- I C
10
50
500
0.05
1
5
0.5
COLLECTOR CURRENT I
(A)
V
, V
- I
2
0.02
0.1
0.05
0.02
0.01
0.5
0.2
1
C
0.1
I /I =5
0.05
0.2
5
10
C
12
10
5
CE(sat)
0.01
BASE EMITTER VOLTAGE V
(V)
0
1
2
3
4
BE
0.1
0.2
5
1
0.01
COLLECTOR EMITTER VOLTAGE V
(A)
CE
2
5
10
50
100
200
1000
500
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
I
MAX.
C
(CONTINUOUS)
I
MAX.(Pulse)
C
DC
OPERATION
*1mS
*50
µS
* SINGLE NONREPETITIVE
PLUS Ta=25 C
SAFE OPERATING AREA
COLLECTOR CURRENT I
(A)
0.01
C
0.1
0.2
0.5
1
2
5
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
5
46
8
10
CCE
I =0
B
I =20mA
B
I =50mA
B
I =100mA
B
I =200mA
B
I =400mA
B
I =600mA
B
B
I =1.2A
B
I =1A
I =800mA
B
0
V
=5V
CE
BE(sat)
C
BE(sat)
V
CE(sat)
V
B
0.4
0.6
0.8
1.0
1.2
6
V
=5V
CE
SWITCHING CHARACTERISTICS
t stg
on
t
f
t
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
V
- I
BE
C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn