Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTC4520F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTC4520F
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4520F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC4520F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4520F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4520F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2010. 6. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC4520F
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE SWITCHING APPLICATION.
FEATURES
・Excellent Switching Times.
: ton=0.5μS(Max.), tf=0.3μS(Max.), at IC=2A.
・High Collector Voltage : VCEO=500V.
MAXIMUM RATING (Ta=25
℃)
DIM MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+_
12.0 0.3
+_
13.6 0.5
+_
3.7 0.2
+_
Φ3.2 0.2
+_
10.0 0.3
+_
15.0 0.3
+_
3.0 0.3
+_
4.5 0.2
+_
2.54 0.1
+_
+
2.6 0.2
_
6.8 0.1
+_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage
VCEO
500
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
3
A
Pulse
ICP
6
Base Current
IB
1
A
Collector Power Dissipation (Tc=25
℃)
PC
30
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=500V, IE=0
-
-
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
μA
Collector-Emitter Sustaning Voltage
VCEX(SUS)
IC=1.5A, IB1=-IB2=0.6A L=2mH, Clamped
500
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.3A
-
-
1
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1.5A, IB=0.3A
-
-
1.5
V
DC Current Gain
hFE (1) (Note)
VCE=5V, IC=0.3A
15
-
50
hFE (2)
VCE=5V, IC=1.5A
8
-
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
50
-
pF
Transition Frequency
fT
VCE=10V, IC=0.3A
-
18
-
MHz
Switching
Time
Turn On Time
ton
-
-
0.5
μS
Storage Time
tstg
-
-
3
Fall Time
tf
-
-
0.3
Note : hFE (1) Classification R:15~30, O:20~40, Y:30~50


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn