Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1552T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1552T
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1552T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1552T_06 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1552T_06 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1552T_06 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2006. 8. 8
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1552T
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS,
MOTOR DRIVERS, STROBES APPLICATION.
FEATURES
Adoption of FBET, MBIT Processes.
High Current Capacitance.
Low Collector-to-Emitter Saturation Voltage.
High-Speed Switching.
Ultrasmall Package Facilitates Miniaturization in end Products.
High Allowable Power Dissipation.
Complementary to KTC3552T.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
TSM
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
B
E
H
J
J
2
1
3
+_
+_
+_
+_
+_
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCES
-50
V
VCEO
-50
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-3
A
Pulse
ICP
-6
Base Current
IB
-600
mA
Collector Power Dissipation
PC *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
* Package mounted on a ceramic board (600
0.8 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-40V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-0.1
A
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-50
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CES
IC=-100 A, VBE=0
-50
-
-
V
V(BR)CEO
IC=-1mA, IB=0
-50
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-6
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)1
IC=-1A, IB=-50mA
-
-100
-200
mV
VCE(sat)2
IC=-2A, IB=-100mA
-
-185
-500
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=-2A, IB=-100mA
-
-0.88
-1.2
V
DC Current Gain
hFE
VCE=-2V, IC=-100mA
200
-
560
Transition Frequency
fT
VCE=-10V, IC=-500mA
-
360
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
-
24
-
pF
Switching
Time
Turn-On Time
ton
-
30
-
nS
Storage Time
tstg
-
230
-
Fall Time
tf
-
15
-
Type Name
Marking
Lot No.
S L
IB1
B2
I
INPUT
OUTPUT
50Ω
100µF
PW=20µs
DC 1%
470µF
R
V
B
R
L
R
BE
V
=5V
CC
V
=-25V
-10I =10I =I =-1A
B1
B2 C
<=


Similar Part No. - KTA1552T_06

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1552T KEC-KTA1552T_04 Datasheet
63Kb / 1P
   TSM PACKAGE
More results

Similar Description - KTA1552T_06

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com