Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1270 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1270
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1270 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1270 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1270 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 6. 8
2/2
KTA1270
Revision No : 1
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
0-1
-2
-100
0
IB - VBE
BASE-EMITTER VOLTAGE VBE (V)
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
-0.2
-0.3
10
1k
-0.3
COLLECTOR CURRENT IC (mA)
hFE - IC
-0.01
-0.5
COLLECTOR CURRENT IC (mA)
VCE(sat) - IC
-3
-4
-5
-200
-300
-400
-500
-600
COMMON
EMITTER
Ta=25 C
I =-1mA
B
-2
-3
-4
-5
-6
-7
-8
-1
-3
-10
-30
-100
-300
-1k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
C
B
Ta=100 C
Ta=25 C
Ta=-25 C
-1
-0.1
SAFE OPERATING AREA
-1
-10
-100
-10
-100
-1000
-10000
-1
-3
-10
-30
-100
-300
-1k
30
50
100
300
500
COMMON EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V
=-1V
CE
CE
V
=-6V
-0.4
-0.6
-0.8
-1.0
-1.2
-30
-1
-3
-10
-100
-300
-1k
-3k
COMMON
EMITTER
V
=-6V
CE
0
*SINGLE NONREPETITIVE PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN TEMPERATURE
100mS*
10mS*
1mS*
I
C MAX(PULSE)*
I
C MAX(CONTINUOUS)
DC DPERATION(Ta=25 C)


Similar Part No. - KTA1270

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1270 KEC-KTA1270 Datasheet
50Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SeCoS Halbleitertechnol...
KTA1270 SECOS-KTA1270 Datasheet
68Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
KEC(Korea Electronics)
KTA1270 KEC-KTA1270 Datasheet
643Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1270 FOSHAN-KTA1270 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTA1270 JIANGSU-KTA1270 Datasheet
179Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KTA1270

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com