Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1049 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1049
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1049 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1049_08 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1049_08 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 6. 11
2/2
KTA1049
Revision No : 3
I
- V
C
CE
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0-1
-2
0
-1
SAFE OPERATING AREA
-3
-10
-0.1
-0.03
-0.01
COLLECTOR CURRENT I
(A)
C
C
CE(sat)
V
- I
10
500
-0.01
COLLECTOR CURRENT I
(A)
C
C
FE
h
- I
0
50
25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-3
-4
-5
-6
-7
-2
-3
-4
-5
COMMON EMITTER
Tc=25 C
I =-20mA
B
-50
-100
-150
-200
-250
0
-0.03
-0.1
-0.3
-1
-3
-5
30
50
100
300
COMMON EMITTER
V
=-5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C
75
100
125
150
Tc=Ta
INFINITE HEAT SINK
-30
-100
-200
-0.3
-1
-0.5
-3
-5
-10
-20
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
I
MAX
(CONTINUOUS)
C
DC
OPERATION
(Tc=25
C)
1s
-0.03
-0.1
-0.3
-1
-3 -5
-0.05
-0.1
-0.3
-0.5
1
2
COMMON EMITTER
I /I =10
CB
Tc=75
C
Tc=25 C
Tc=-25 C
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
10
20
30
40
50


Similar Part No. - KTA1049_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1049-O KEXIN-KTA1049-O Datasheet
1Mb / 2P
   PNP Transistors
KTA1049-Y KEXIN-KTA1049-Y Datasheet
1Mb / 2P
   PNP Transistors
KTA1049 KEXIN-KTA1049_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - KTA1049_08

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com