Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C61157-A7-A68 Datasheet(PDF) 6 Page - EPCOS

Part # C61157-A7-A68
Description  SAW RF low loss filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A68 Datasheet(HTML) 6 Page - EPCOS

  C61157-A7-A68 Datasheet HTML 1Page - EPCOS C61157-A7-A68 Datasheet HTML 2Page - EPCOS C61157-A7-A68 Datasheet HTML 3Page - EPCOS C61157-A7-A68 Datasheet HTML 4Page - EPCOS C61157-A7-A68 Datasheet HTML 5Page - EPCOS C61157-A7-A68 Datasheet HTML 6Page - EPCOS C61157-A7-A68 Datasheet HTML 7Page - EPCOS C61157-A7-A68 Datasheet HTML 8Page - EPCOS C61157-A7-A68 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
July 27, 2010
B1644
2338.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Transfer function
Maximum ratings
Operable temperature range T
–40/+105 ˚C
Storage temperature range
Tstg
–40/+125 ˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) according to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
VESD
2002)
2) acc. to JESD22-A114F (human body model), 1 negative & 1 positive pulse.
V
human body model, 1 pulse
Input power at
2332.5 MHz...2345.0 MHz
PIN
0
dBm
source impedance 50


Similar Part No. - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
63Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
69Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
64Kb / 7P
   SAW RF low loss filter
More results

Similar Description - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
logo
EPCOS
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
   SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
   SAW RF low loss filter
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
   SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
   Low Loss RF SAW Filter
logo
Transko Electronics, In...
TF-5022-ND TRANSKO-TF-5022-ND Datasheet
393Kb / 3P
   Low-loss RF SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com