Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD832-04 Datasheet(PDF) 2 Page - Fuji Electric

Part # SD832-04
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SD832-04 Datasheet(HTML) 2 Page - Fuji Electric

  SD832-04 Datasheet HTML 1Page - Fuji Electric SD832-04 Datasheet HTML 2Page - Fuji Electric SD832-04 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD832-04 (2.0A)
(40V / 2.0A )
Characteristics
0.01
0.1
1
10
0.00.1
0.20.3
0.40.5
0.60.7
0.8
Forward Characteristic(typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
VF Forward Voltage (V)
10
20
30
40
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR Reverse Voltage (V)
01234
0
1
2
3
4
5
6
7
8
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
DC
Square wave λ=60°
Forward Power Dissipation (max.)
IF(AV)
Average Forward Current
(A)
123456789012345
123456789012345
123456789012345
123456789012345
λ
360o
IF
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
sine
α=180°
Reverse Power Dissipation(max.)
square
α=180°
DC
VR
Reverse Voltage
(V)
1234
1234
1234
1234
1234
1234
α
360o
VR
1234
1234
1234
1234
1234
1234
0
1
2
3
0
20
40
60
80
100
120
140
160
Square wave λ=60°
Square wave λ=120°
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (IF(AV)-Tl) (max.)
Tl
Lead Temperature
(°C)
123456789012345
123456789012345
123456789012345
123456789012345
λ
VR=20V
360
o
IF
110
10
100
1000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage (V)


Similar Part No. - SD832-04

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SD832-03 FUJI-SD832-03 Datasheet
98Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD832-04

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com