Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2769ETV Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2769ETV
Description  Universal GPS Receiver AEC-Q100 Automotive Qualified
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2769ETV Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2769ETV Datasheet HTML 1Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 2Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 3Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 4Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 5Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 6Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 7Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 8Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MAX2769B
Universal GPS Receiver
����������������������������������������������������������������� Maxim Integrated Products 1
Block Diagram
19-5875; Rev 0; 5/11
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX2769B.related.
E V A L U A T I O N K I T A V A I L A B L E
General Description
The MAX2769B is a next-generation Global Navigation
Satellite System (GNSS) receiver covering GPS, GLONASS,
Galileo, and Compass navigation satellite systems on
a single chip. This single-conversion GNSS receiver is
designed to provide high performance for industrial and
automotive applications.
Designed on Maxim’s advanced, low-power SiGe BiCMOS
process technology, the MAX2769B offers the highest
performance and integration at a low cost. Incorporated
on the chip is the complete receiver chain, including a
dual-input LNA and mixer, followed by the image-rejected
filter, PGA, VCO, fractional-N frequency synthesizer,
crystal oscillator, and a multibit ADC. The total cascaded
noise figure of this receiver is as low as 1.4dB.
The MAX2769B completely eliminates the need for exter-
nal IF filters by implementing on-chip monolithic filters
and requires only a few external components to form a
complete low-cost GPS RF receiver solution.
The MAX2769B is the most flexible receiver on the mar-
ket. The integrated delta-sigma fractional-N frequency
synthesizer allows programming of the IF frequency
within a ±30Hz (fXTAL = 32MHz) accuracy while operat-
ing with any reference or crystal frequencies that are
available in the host system. The ADC outputs CMOS
logic levels with 1 or 2 quantized bits for both I and Q
channels, or up to 3 quantized bits for the I channel. I and
Q analog outputs are also available.
The MAX2769B is packaged in a 5mm x 5mm, 28-pin thin
QFN package with an exposed paddle.
Applications
Automotive Navigation Systems
Location-Enabled Mobile Handsets
PNDs (Personal Navigation Devices)
Telematics (Asset Tracking, Inventory
Management)
Marine/Avionics Navigation
Software GPS
Laptops and Netbooks
Features
S
AEC-Q100 Automotive Qualified
S
GPS/GLONASS/Galileo/Compass Systems
S
40pF Output Clock Drive Capability
S
No External IF SAW or Discrete Filters Required
S
Programmable IF Frequency
S
Fractional-N Synthesizer with Integrated VCO
Supports Wide Range of Reference Frequencies
S
Dual-Input Uncommitted LNA for Separate Passive
and Active Antenna Inputs
S
1.4dB Cascade Noise Figure
S
Integrated Crystal Oscillator
S
Integrated Active Antenna Sensor
S
2.7V to 3.3V Supply Voltage
S
Small, 28-Pin, RoHS-Compliant, Thin QFN Lead-
Free Package (5mm x 5mm)
LNA2
PGM
LNA1
CPOUT
VCC_VCO
SCLK
12
10
9
24
26
11
25
27
N.C.
SDATA
8
28
+
VCC_CP
13
23
VCC_IF
14 VCCD
22
19
17
16
3
5
18
4
6
15
7
20
2
21
1
N.C.
CS
FILTER
LNA2
LNA1
VCO
IDLE
MAX2769B
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX2769ETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2769ETI++ MAXIM-MAX2769ETI+ Datasheet
519Kb / 23P
   Universal GPS Receiver
Rev 2; 6/10
More results

Similar Description - MAX2769ETV

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com