Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N6989 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N6989
Description  Type 2N6989 Geometry 0400 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N6989 Datasheet(HTML) 1 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N6989
Geometry 0400
Polarity NPN
Qual Level: JAN - JANS
Data Sheet No. 2N6989
Generic Part Number:
2N6989
REF: MIL-PRF-19500/559
Features:
• An array of four independent NPN
silicon switching transistors.
• Housed in a cerdip case.
• Also available in chip form using
the 0400 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/559 which
Semicoa meets in all cases.
• The Typ values are actual batch
averages for Semicoa.
• Radiation Graphs available.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
50
V
Collector-Base Voltage
VCBO
75
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current, Continuous
IC
800
mA
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
Cerdip


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C2222AChip Type 2C2222A Geometry 0400 Polarity NPN 1 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2222AType 2N2222A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2222AUBType 2N2222AUB Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N2857Type 2N2857 Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5004Type 2N5004 Geometry 9202 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn