Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2042A Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX2042A
Description  SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042A Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX2042A Datasheet HTML 25Page - Maxim Integrated Products MAX2042A Datasheet HTML 26Page - Maxim Integrated Products MAX2042A Datasheet HTML 27Page - Maxim Integrated Products MAX2042A Datasheet HTML 28Page - Maxim Integrated Products MAX2042A Datasheet HTML 29Page - Maxim Integrated Products MAX2042A Datasheet HTML 30Page - Maxim Integrated Products MAX2042A Datasheet HTML 31Page - Maxim Integrated Products MAX2042A Datasheet HTML 32Page - Maxim Integrated Products MAX2042A Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
���������������������������������������������������������������� Maxim Integrated Products 29
MAX2042A
SiGe High-Linearity, 1600MHz to 3900MHz
Upconversion/Downconversion Mixer with LO Buffer
Typical Operating Characteristics (continued)
(Typical Application Circuit with tuning elements outlined in Table 1, VCC = 5.0V, fRF = 3100MHz to 3900MHz, LO is high-side
injected for a 300MHz IF, PRF = 0dBm, PLO = 0dBm, TC = +25NC, unless otherwise noted.)
2LO LEAKAGE AT RF PORT vs. LO FREQUENCY
LO FREQUENCY (MHz)
4000
3800
3600
-25
-20
-15
-10
-5
0
-30
3400
4200
TC = +85°C
TC = +25°C
TC = -40°C
2LO LEAKAGE AT RF PORT vs. LO FREQUENCY
LO FREQUENCY (MHz)
4000
3800
3600
-25
-20
-15
-10
-5
0
-30
3400
4200
PLO = -6dBm, -3dBm
PLO = 0dBm
PLO = 3dBm
2LO LEAKAGE AT RF PORT vs. LO FREQUENCY
LO FREQUENCY (MHz)
4000
3800
3600
-25
-20
-15
-10
-5
0
-30
3400
4200
VCC = 4.75V, 5.0V, 5.25V
RF FREQUENCY (MHz)
3800
3600
3400
3200
25
20
15
10
5
0
30
3000
4000
RF PORT RETURN LOSS vs. RF FREQUENCY
IF = 300MHz
PLO = -6dBm, -3dBm, 0dBm, +3dBm
IF FREQUENCY (MHz)
410
320
230
140
25
20
15
10
5
0
30
50
500
IF PORT RETURN LOSS vs. IF FREQUENCY
LO = 3800MHz
VCC = 4.75V, 5.0V, 5.25V
LO RETURN LOSS vs. LO FREQUENCY
LO FREQUENCY (MHz)
4100
3900
3700
3500
30
20
10
0
40
3300
4300
PLO = 0dBm
PLO = -3dBm
PLO = -6dBm
PLO = +3dBm
EXPOSED PAD TEMPERATURE (°C)
60
35
10
-15
130
135
140
145
150
155
125
-40
85
SUPPLY CURRENT vs.TEMPERATURE (TC)
VCC = 4.75V
VCC = 5.25V
VCC = 5.0V


Similar Part No. - MAX2042A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
More results

Similar Description - MAX2042A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com