Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA318E Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA318E
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA318E Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA318E Datasheet HTML 1Page - KEC(Korea Electronics) KRA318E Datasheet HTML 2Page - KEC(Korea Electronics) KRA318E Datasheet HTML 3Page - KEC(Korea Electronics) KRA318E Datasheet HTML 4Page - KEC(Korea Electronics) KRA318E Datasheet HTML 5Page - KEC(Korea Electronics) KRA318E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002. 7. 9
3/6
KRA316E~KRA322E
Revision No : 1
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
-0.3
O
I(ON)
-10
-0.5
-1
-3
-5
-10
-30
-50
-100
KRA316E
V =-0.2V
O
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=100 C
-0.3
INPUT ON VOLTAGE V
(V)
-10
-0.1
-0.5
-0.3
-1
-3
-5
-100
-50
-30
KRA317E
V =-0.2V
O
-1
I(ON)
-3
Ta=-25 C
Ta=25 C
-10
I
- V
O
I(ON)
-0.1
INPUT OFF VOLTAGE V
(V)
0
-50
-30
-100
-1k
-300
-500
-3k
KRA316E
I(OFF)
I
- V
O
I(OFF)
V =-5V
O
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
V =-5V
-3.0
-1.0
0
-30
-100
-50
-0.5
-2.0
-1.5
-2.5
O
-300
-1k
-500
-3k
KRA317E
OUTPUT CURRENT I
(mA)
KRA316E
O
G
- I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
100
10
-1
-3
200
-10
-30
-100
30
50
V =-5V
O
Ta=100
C
Ta=-25
C
Ta=25
C
-3
-1
2
5
10
50
30
100
KRA317E
V =-5V
O
-10
-30
-100
Ta=100
C
Ta=25 C
Ta=-25 C


Similar Part No. - KRA318E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA318E KEC-KRA318E Datasheet
26Kb / 1P
   ESM PACKAGE
More results

Similar Description - KRA318E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com